Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1455 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F1455
Description  PIC16(L)F145X Memory Programming Specification
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1455 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F1455 Datasheet HTML 5Page - Microchip Technology PIC16F1455 Datasheet HTML 6Page - Microchip Technology PIC16F1455 Datasheet HTML 7Page - Microchip Technology PIC16F1455 Datasheet HTML 8Page - Microchip Technology PIC16F1455 Datasheet HTML 9Page - Microchip Technology PIC16F1455 Datasheet HTML 10Page - Microchip Technology PIC16F1455 Datasheet HTML 11Page - Microchip Technology PIC16F1455 Datasheet HTML 12Page - Microchip Technology PIC16F1455 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2011-2012 Microchip Technology Inc.
Advance Information
DS41620C-page 9
PIC16(L)F145X
REGISTER 3-3:
CONFIGURATION WORD 1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
U-1
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable Bit
U = Unimplemented bit
-n = Value after Bulk Erase
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13
FCMEN: Fail-Safe Clock Monitor Enable bit
1
=
Fail-Safe Clock Monitor is enabled
0
=
Fail-Safe Clock Monitor is disabled
bit 12
IESO: Internal/External Switchover bit
1
=
Internal/External Switchover mode is enabled
0
=
Internal/External Switchover mode is disabled
bit 11
CLKOUTEN: Clock Out Enable bit
1
=
CLKOUT function is disabled. I/O or oscillator function on CLKOUT pin.
0
=
CLKOUT function is enabled on CLKOUT pin
bit 10-9
BOREN<1:0>: Brown-out Reset Enable bits(1)
11
= BOR enabled
10
= BOR enabled during operation and disabled in Sleep
01
= BOR controlled by SBOREN bit of the PCON register
00
= BOR disabled
bit 8
Unimplemented: Read as ‘1’
bit 7
CP: Code Protection bit(2)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 6
MCLRE: MCLR/VPP Pin Function Select bit
If LVP bit = 1:
This bit is ignored.
If LVP bit = 0:
1
=MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0
=MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of WPUA register.
bit 5
PWRTE: Power-up Timer Enable bit(1)
1
=
PWRT disabled
0
=
PWRT enabled
bit 4-3
WDTE<1:0>: Watchdog Timer Enable bit
11
= WDT enabled
10
= WDT enabled while running and disabled in Sleep
01
= WDT controlled by the SWDTEN bit in the WDTCON register
00
= WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111
=
ECH: External Clock, High-Power mode: on CLKIN pin
110
=
ECM: External Clock, Medium-Power mode: on CLKIN pin
101
=
ECL: External Clock, Low-Power mode: on CLKIN pin
100
= INTOSC oscillator: I/O function on OSC1 pin
011
= EXTRC oscillator: RC function on CLKIN pin
010
= HS oscillator: High-speed crystal/resonator on OSC1 and OSC2 pins
001
= XT oscillator: Crystal/resonator on OSC1 and OSC2 pins
000
= LP oscillator: Low-power crystal on OSC1 and OSC2 pins
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
Once enabled (CP = 0), code protection can only be disabled by bulk erasing the device.


Similar Part No. - PIC16F1455

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1455-EMLQTP MICROCHIP-PIC16F1455-EMLQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1455-EMLSQTP MICROCHIP-PIC16F1455-EMLSQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1455-EPQTP MICROCHIP-PIC16F1455-EPQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1455-EPSQTP MICROCHIP-PIC16F1455-EPSQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1455-ESLQTP MICROCHIP-PIC16F1455-ESLQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
More results

Similar Description - PIC16F1455

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com