Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF45K22 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18LF45K22
Description  Flash Memory Programming Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF45K22 Datasheet(HTML) 1 Page - Microchip Technology

  PIC18LF45K22 Datasheet HTML 1Page - Microchip Technology PIC18LF45K22 Datasheet HTML 2Page - Microchip Technology PIC18LF45K22 Datasheet HTML 3Page - Microchip Technology PIC18LF45K22 Datasheet HTML 4Page - Microchip Technology PIC18LF45K22 Datasheet HTML 5Page - Microchip Technology PIC18LF45K22 Datasheet HTML 6Page - Microchip Technology PIC18LF45K22 Datasheet HTML 7Page - Microchip Technology PIC18LF45K22 Datasheet HTML 8Page - Microchip Technology PIC18LF45K22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41398B-page 1
PIC18(L)F2XK22/4XK22
1.0
DEVICE OVERVIEW
This
document
includes
the
programming
specifications for the following devices:
2.0
PROGRAMMING OVERVIEW
The
PIC18(L)F2XK22/4XK22
devices
can
be
programmed using either the high-voltage In-Circuit
Serial Programming™ (ICSP™) method or the low-
voltage ICSP method. Both methods can be done with
the device in the users’ system. The low-voltage ICSP
method is slightly different than the high-voltage
method and these differences are noted where
applicable. This programming specification applies to
the PIC18(L)F2XK22/4XK22 devices in all package
types.
2.1
Hardware Requirements
In High-Voltage ICSP mode, the PIC18(L)F2XK22/
4XK22 devices require two programmable power
supplies: one for VDD and one for MCLR/VPP/RE3.
Both supplies should have a minimum resolution of
0.25V. Refer to Section 6.0 “AC/DC Characteristics
Timing Requirements for Program/Verify Test
Mode” for additional information.
2.1.1
LOW-VOLTAGE ICSP
PROGRAMMING
In Low-Voltage ICSP mode, the PIC18(L)F2XK22/
4XK22 devices can be programmed using a single VDD
source in the operating range. The MCLR/VPP/RE3
does not have to be brought to a different voltage, but
can instead be left at the normal operating voltage.
Refer to Section 2.6 “Entering and Exiting Low-
Voltage ICSP Program/Verify Mode” for additional
hardware parameters.
• PIC18F23K22
• PIC18LF23K22
• PIC18F24K22
• PIC18LF24K22
• PIC18F25K22
• PIC18LF25K22
• PIC18F26K22
• PIC18LF26K22
• PIC18F43K22
• PIC18LF43K22
• PIC18F44K22
• PIC18LF44K22
• PIC18F45K22
• PIC18LF45K22
• PIC18F46K22
• PIC18LF46K22
Note 1: The High-Voltage ICSP mode is always
available, regardless of the state of the
LVP bit, by applying VIHH to the MCLR/
VPP/RE3 pin.
2: While in Low-Voltage ICSP mode, MCLR
is always enabled, regardless of the
MCLRE bit, and the RE3 pin can no
longer be used as a general purpose
input.
Flash Memory Programming Specification


Similar Part No. - PIC18LF45K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF45K22 MICROCHIP-PIC18LF45K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF45K22-E/ML MICROCHIP-PIC18LF45K22-E/ML Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF45K22-E/ML MICROCHIP-PIC18LF45K22-E/ML Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF45K22-E/MV MICROCHIP-PIC18LF45K22-E/MV Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF45K22-E/MV MICROCHIP-PIC18LF45K22-E/MV Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC18LF45K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com