Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1826 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F1826
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
Download  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1826 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F1826 Datasheet HTML 1Page - Microchip Technology PIC16F1826 Datasheet HTML 2Page - Microchip Technology PIC16F1826 Datasheet HTML 3Page - Microchip Technology PIC16F1826 Datasheet HTML 4Page - Microchip Technology PIC16F1826 Datasheet HTML 5Page - Microchip Technology PIC16F1826 Datasheet HTML 6Page - Microchip Technology PIC16F1826 Datasheet HTML 7Page - Microchip Technology PIC16F1826 Datasheet HTML 8Page - Microchip Technology PIC16F1826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 2
Preliminary
 2011-2013 Microchip Technology Inc.
• mTouch™ Sensing Oscillator module:
- Up to 12 input channels
• Data Signal Modulator module:
- Selectable modulator and carrier sources
•SR Latch:
- Multiple Set/Reset input options
- Emulates 555 Timer applications
PIC12(L)F1822/1840/PIC16(L)F182X/1847 Family Types
Device
PIC12(L)F1822
(1)
2K
256
128
6
4
4
1
2/1
1
1
0/1/0
Y
I/H
Y
PIC12(L)F1840
(2)
4K
256
256
6
4
4
1
2/1
1
1
0/1/0
Y
I/H
Y
PIC16(L)F1823
(1)
2K
256
128
12
8
8
2
2/1
1
1
1/0/0
Y
I/H
Y
PIC16(L)F1824
(3)
4K
256
256
12
8
8
2
4/1
1
1
1/1/2
Y
I/H
Y
PIC16(L)F1825
(4)
8K
256
1024 12
8
8
2
4/1
1
1
1/1/2
Y
I/H
Y
PIC16(L)F1826
(5)
2K
256
256
16
12
12
2
2/1
1
1
1/0/0
Y
I/H
Y
PIC16(L)F1827
(5)
4K
256
384
16
12
12
2
4/1
1
2
1/1/2
Y
I/H
Y
PIC16(L)F1828
(3)
4K
256
256
18
12
12
2
4/1
1
1
1/1/2
Y
I/H
Y
PIC16(L)F1829
(4)
8K
256
1024 18
12
12
2
4/1
1
2
1/1/2
Y
I/H
Y
PIC16(L)F1847
(6)
8K
256
1024 16
12
12
2
4/1
1
2
1/1/2
Y
I/H
Y
Note 1: I - Debugging, Integrated on Chip; H - Debugging, available using Debug Header.
2: One pin is input-only.
Data Sheet Index: (Unshaded devices are described in this document.)
1: DS41413
PIC12(L)F1822/PIC16(L)F1823 Data Sheet, 8/14-Pin Flash Microcontrollers.
2: DS41441
PIC12(L)F1840 Data Sheet, 8-Pin Flash Microcontrollers.
3: DS41419
PIC16(L)F1824/1828 Data Sheet, 28/40/44-Pin Flash Microcontrollers.
4: DS41440
PIC16(L)F1825/1829 Data Sheet, 14/20-Pin Flash Microcontrollers.
5: DS41391
PIC16(L)F1826/1827 Data Sheet, 18/20/28-Pin Flash Microcontrollers.
6: DS41453
PIC16(L)F1847 Data Sheet, 18/20/28-Pin Flash Microcontrollers.
Note:
For other small form-factor package availability and marking information, please visit
http://www.microchip.com/packaging or contact your local sales office.


Similar Part No. - PIC16F1826

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
3Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
6Mb / 410P
   8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
3Mb / 400P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC16F1826

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1847 MICROCHIP-PIC16LF1847_13 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
PIC16LF1847-ISO MICROCHIP-PIC16LF1847-ISO Datasheet
7Mb / 438P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1826-I MICROCHIP-PIC16F1826-I Datasheet
3Mb / 400P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F1826 MICROCHIP-PIC16F1826_11 Datasheet
3Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1512-I MICROCHIP-PIC16F1512-I Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1512 MICROCHIP-PIC16F1512 Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
2012
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com