Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDV62A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HDV62A
Description  One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HDV62A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HDV62A Datasheet HTML 1Page - List of Unclassifed Manufacturers HDV62A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital
Grayscale Camera Color Camera
Analog
Specifications
One Channel PCI Express®/PXI Express® HDMI Video & Audio Capture Cards
HDV62A Series
Features
Uncompressed 1920 x 1080p, 60 fps video stream
Support for CVBS, S-video, RGB and YPbPr video input
Support for HDMI/DVI video and HDMI, S/PDIF audio inputs
Support for 24-bit RGB or YUV 4:4:4
Support for HDCP (HDV62A/PXIe-HDV62A only)
32/64-bit Direct SDK support
Ordering Information
Optional Accessories
■ HDV62
1-CH PCI Express® HDMI video capture card
■ HDV62A
1-CH PCI Express® HDMI video / audio capture card
■ PXIe-HDV62A
1-CH PXI Express® HDMI video / audio capture card
■ HDV62A I/O bracket
YPbPr, S-video and CVBS I/O
■ DVI – DVI and VGA cable
DVI-I to VGA and DVI-D cable
■ HDV62A DB9F to S-Video & RCA
D-sub to S-video and RCA cable
■ HDV62 DB9F - RCA x 3
D-sub to YPbPr cable
Introduction
ADLINK's HDV62A series high definition video and audio capture cards enable single-card acquisition of
full analog/digital video and digital audio signals (HDV62A/PXIe-HDV62A only). Featuring uncompressed
full HD up to 1080p at 60 fps and 10-bit high-resolution ADC and HDCP support (HDV62A/PXIe-
HDV62A only), the HDV62A series deliver serious benefits and reduced TCO for applications requiring
simultaneous capture from both video and audio sources, such as multimedia device testing and medical
imaging.
What's more, the HDV62A/PXIe-HDV62A not only deliver uncompressed high-definition video data from
DVI or HDMI, but also provide an analog video decoder comprehensively supporting RGB, CVBS, S-video
and YPbPr, with an integrated audio decoder for HDMI and S/PDIF capture, providing a highly integrated
solution.
Medical imaging
Multimedia video/audio testing
Applications
■OS Information
• Windows® 8/7/XP
■Software Compatibility
• Microsoft® DirectX
• LabVIEWTM
• C#/.NET/VC++/VB/C++ Builder/Delphi
■Software Recommendations
• ADLINK ViewCreatorProTM
Software Support
HDV62A I/O Bracket (Optional)
D-SUB9 female for CVBS and S-Video
BNC x3 for YPbPr
HDV62A
PXIe-HDV62A
HDMI
Form Factor
Video Input
Video Input Format
Pixel Output Format
Audio Input
Connectors
Operating Environment
Storage Environment
Power Requirements
Dimensions (not including connectors)
Slot Requirement
HDV62/HDV62A: PCI Express® x4 compliant
PXIe-HDV62A: PXI Express® specification Rev. 1.0 compliant
Digital: DVI 1.0, HDMI 1.3
Analog: HDV62: YPbPr and RGB
HDV62A/PXIe-HDV62A: RGB, YPbPr, CVBS, S-video
Monochrome: 8-bit Y
S/PDIF, HDMI (HDV62A/PXIe-HDV62A only)
DVI: DVI-D, HDMI & RGB with sync input
D-SUB on I/O Bracket : CVBS, S-Video (HDV62A only)
BNC on I/O Bracket: YPbPr (HDV62A only)
Toslink & RCA: S/PDIF (HDV62A/PXIe-HDV62A only)
Temperature: 0 to 55°C (32˚F to 131˚F)
Humidity: 5% to 90% RHNC
Temperature: 0 to 70°C (32˚F to 158˚F)
Humidity: 0 to 95% RHNC
+12 V max @ 0.5 A, +3.3 V max @ 2 A
174.62 x 111.15 mm (W x L) (6.81” x 4.33”)
2 peripheral slots (HDV62A w/I/O bracket, PXIe-HDV62A)
HD:
SD:
RGB:
YUV:
720p@50 fps, 720p@60 fps
1080i@25 fps, 1080i@30 fps
1080p@25 fps, 1080p@30 fps
1080p@50 fps, 1080p@60 fps
720 x 576@25 fps PAL, 720 x 480@30 fps NTSC
(HDV62A/PXIe-HDV62A only)
32-bit RGB* , 30-bit RGB*, 24-bit RGB
4:4:4 or 4:2:2
Updated January 29, 2013. ©2013 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - HDV62A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HDV620 EXTECH-HDV620 Datasheet
298Kb / 1P
   High Definition VideoScope Inspection Camera Kits
More results

Similar Description - HDV62A

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
PCIE-HDV62A ADLINK-PCIE-HDV62A Datasheet
367Kb / 1P
   One Channel PCI Express짰/PXI Express짰 HDMI Video & Audio Capture Cards
logo
Analog Devices
PCI-RTV24 AD-PCI-RTV24 Datasheet
588Kb / 2P
   4-CH PCI Express짰 / PCI Real-time Video Capture Cards for Standard Cameras
logo
Keysight Technologies
N5463A KEYSIGHT-N5463A Datasheet
3Mb / 8P
   PCI Express짰 Protocol Triggering
U4324A KEYSIGHT-U4324A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
logo
PLX Technology
PEX8508 PLX-PEX8508 Datasheet
387Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8512 PLX-PEX8512 Datasheet
1Mb / 4P
   Flexible & Versatile PCI Express짰 Switch
logo
Keysight Technologies
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
   PCI Express짰 3.0 (Gen3) Software
logo
PLX Technology
PEX8517 PLX-PEX8517 Datasheet
482Kb / 5P
   Flexible & Versatile PCI Express짰 Switch
PEX8518 PLX-PEX8518 Datasheet
476Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com