Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21334 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C21334
Description  Automotive ??Extended Temperature PSoC짰 Programmable System-on-Chip?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21334 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C21334_13 Datasheet HTML 6Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 7Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 8Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 9Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 10Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 11Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 12Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 13Page - Cypress Semiconductor CY8C21334_13 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CY8C21334, CY8C21534
Document Number:38-12038 Rev. *J
Page 10 of 38
Registers
Register Conventions
This section lists the registers of the automotive CY8C21x34
PSoC device. For detailed register information, reference the
PSoC Technical Reference Manual.
The register conventions specific to this section are listed in
Table 4.
Register Mapping Tables
The PSoC device has a total register address space of 512
bytes. The register space is referred to as I/O space and is
divided into two banks. The XIO bit in the Flag register (CPU_F)
determines which bank the user is currently in. When the XIO bit
is set the user is in Bank 1.
Note In the following register mapping tables, blank fields are
Reserved and must not be accessed.
Table 4. Register Conventions
Convention
Description
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific


Similar Part No. - CY8C21334_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21334_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29666-12PVXET CYPRESS-CY8C29666-12PVXET Datasheet
1Mb / 35P
   Automotive ??Extended Temperature PSoC짰 Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_12 Datasheet
501Kb / 35P
   Automotive . Extended Temperature PSoC짰 Programmable System-on-Chip
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21345AUTO CYPRESS-CY8C21345AUTO Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24223A CYPRESS-CY8C24223A_13 Datasheet
714Kb / 50P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com