Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21345 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C21345
Description  Automotive PSoC짰 Programmable System-on-Chip?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21345 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C21345_12 Datasheet HTML 6Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 7Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 8Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 9Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 10Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 11Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 12Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 13Page - Cypress Semiconductor CY8C21345_12 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
CY8C21345, CY8C21645
CY8C22345, CY8C22345H, CY8C22645
Document Number: 001-55397 Rev. *K
Page 10 of 47
Registers
This section lists the registers of this PSoC device family by mapping tables. For detailed register information, refer to the PSoC
Technical Reference Manual for CY8C21x45 and CY8C22x45 devices.
Register Conventions
The register conventions specific to this section are listed in the
following table.
Register Mapping Tables
The PSoC device has a total register address space of 512
bytes. The register space is referred to as I/O space and is
divided into two banks. The XIO bit in the Flag register (CPU_F)
determines which bank the user is currently in. When the XIO bit
is set the user is in Bank 1.
Note In the following register mapping tables, blank fields are
Reserved and must not be accessed.
43
I/O
I, MR
P2[6]
Direct input to analog block
44
I/O
I, MR
P0[0]
Analog column mux input
45
I/O
I, MR
P0[2]
Analog column mux input
46
I/O
I, MR
P0[4]
Analog column mux input
47
I/O
I, MR
P0[6]
Analog column mux input
48
Power
VDD
Supply voltage
LEGEND: A = Analog, I = Input, O = Output, MR= Right analog mux bus input, ML= Left analog mux bus input
Table 3. 48-pin Part Pinout (SSOP) (continued)
Pin
No.
Type
Pin Name
Description
Digital Analog
Table 4. Abbreviations
Convention
Description
RW
Read and write register or bit(s)
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific


Similar Part No. - CY8C21345_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345-12PVXE CYPRESS-CY8C21345-12PVXE Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21345_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21345AUTO CYPRESS-CY8C21345AUTO Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24223A CYPRESS-CY8C24223A_13 Datasheet
714Kb / 50P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com