Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4439 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18F4439
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
Download  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4439 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18F4439 Datasheet HTML 4Page - Microchip Technology PIC18F4439 Datasheet HTML 5Page - Microchip Technology PIC18F4439 Datasheet HTML 6Page - Microchip Technology PIC18F4439 Datasheet HTML 7Page - Microchip Technology PIC18F4439 Datasheet HTML 8Page - Microchip Technology PIC18F4439 Datasheet HTML 9Page - Microchip Technology PIC18F4439 Datasheet HTML 10Page - Microchip Technology PIC18F4439 Datasheet HTML 11Page - Microchip Technology PIC18F4439 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 322 page
background image
PIC18FXX39
DS30485B-page 8
Preliminary
 2002-2013 Microchip Technology Inc.
TABLE 1-1:
PIC18FXX39 DEVICE FEATURES
Features
PIC18F2439
PIC18F2539
PIC18F4439
PIC18F4539
Operating Frequency
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
Program Memory (Bytes)
12K
24K
12K
24K
Program Memory (Instructions)
6144
12288
6144
12288
Data Memory (Bytes)
640
1408
640
1408
Data EEPROM Memory (Bytes)
256
256
256
256
Interrupt Sources
15
15
16
16
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E Ports A, B, C, D, E
Timers
3
3
3
3
PWM Modules(1)
22
2
2
Single Phase Induction
Motor Control
Yes
Yes
Yes
Yes
Serial Communications
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
Parallel Communications
PSP
PSP
10-bit Analog-to-Digital Module
5 input channels
5 input channels
8 input channels
8 input channels
RESETS (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
Programmable Low Voltage
Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
75 Instructions
75 Instructions
Packages
28-pin DIP
28-pin SOIC
28-pin DIP
28-pin SOIC
40-pin DIP
44-pin TQFP
44-pin QFN
40-pin DIP
44-pin TQFP
44-pin QFN
Note 1: PWM modules are used exclusively in conjunction with the motor control kernel, and are not available for
other applications.


Similar Part No. - PIC18F4439

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4431 MICROCHIP-PIC18F4431 Datasheet
3Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
2003
PIC18F4431 MICROCHIP-PIC18F4431 Datasheet
6Mb / 400P
   28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
2007
PIC18F4431 MICROCHIP-PIC18F4431 Datasheet
3Mb / 392P
   28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2010
PIC18F4431-E/ML MICROCHIP-PIC18F4431-E/ML Datasheet
3Mb / 392P
   28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2010
PIC18F4431-E/P MICROCHIP-PIC18F4431-E/P Datasheet
3Mb / 392P
   28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2010
More results

Similar Description - PIC18F4439

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4539 MICROCHIP-PIC18F4539 Datasheet
5Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
2002
PIC18F2439 MICROCHIP-PIC18F2439 Datasheet
6Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction
2002
logo
Freescale Semiconductor...
56F8300 FREESCALE-56F8300 Datasheet
563Kb / 16P
   3-Phase AC Induction Motor V/Hz Control
logo
Microchip Technology
PIC16F819-E MICROCHIP-PIC16F819-E Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
logo
STMicroelectronics
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
logo
Microchip Technology
PIC16LF819-I MICROCHIP-PIC16LF819-I Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F819-I MICROCHIP-PIC16F819-I Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
logo
Texas Instruments
MDL-ACIM TI-MDL-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
logo
ATMEL Corporation
ATAVRMC200 ATMEL-ATAVRMC200 Datasheet
147Kb / 2P
   AC Induction Motor Control Evaluation Kit
logo
STMicroelectronics
AN2991 STMICROELECTRONICS-AN2991 Datasheet
262Kb / 14P
   Single-phase induction motor drive for refrigerator compressor application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com