Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5X02EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5X02EVKIT
Description  2.7V to 5.5V Wide Input Supply Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5X02EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5X02EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX5X02EVKIT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Maxim Integrated │ 6
MAX5X02 Evaluation Kit
Evaluates: MAX5700/MAX5701/MAX5702A/B/
MAX5800/MAX5801/MAX5802A/B
www.maximintegrated.com
Detailed Description of Software
The MAX5X02 EV kit software can evaluate all I2C
and SPI interface family of devices. In addition to the
interfaces, the software allows 12-/10-/8-bit DAC part
selection. The main software window has two tabs,
DACs and Controls. Within the DACs tab, the user can
send a sequence of write commands to the two DACs,
assert CLR, and load and save the write sequence. The
Controls tab (Figure 3) allows the user to change the
power, configuration, and reference.
Part Selection
Ontheupperleftcornerisa
Part Selection group box.
The user must select the appropriate radio button that
corresponds to the installed Maxim IC DAC resolution
(number of bits).
Interface
The
Interface group box allows the user to toggle
between I2C and SPI DAC parts. By default, the software
is configured to communicate using the SPI interface first.
Oncethe
I2C radio button selection is made, the software
automatically detects the correct I2C address from the
drop-down list and the user is allowed to communicate
using the I2C interface. See Table 2 for a list of the I2C
addresses.
DAC Commands
Enter the desired
Data on the left and choose the appro-
priate
Command from the drop-down list. Pressing the
Execute button writes to the CODE and/or DAC regis-
ters and the
Script Status changes from Incomplete to
Complete. Refer to the MAX5700/MAX5701/MAX5702
and MAX5800/MAX5801/MAX5802 IC data sheets for
a list of possible commands. If a sequence of com-
mands need to be performed, adjust all
Data edit boxes
and
Commands drop-down lists accordingly, and press
the
Execute All button. To reset the Script Status to
Incomplete, press the Reset Script button.
Data Logging
Using the
Save To File button, the sequence of the
commands can be saved into a text file. To recall the
sequence, press the
Load From File button and select
the appropriate text file.
DAC Outputs (I2C Only)
Press the
Read BackbuttonandtheCODEandvoltages
of the DACs are displayed within the
DAC Outputs group
box.
Asynchronous CLR
A checked
CLR checkbox drives the CLR pin of the
MAX5702 or MAX5802 low, which allows the changes
to the CODE register to change the DAC outputs.
Unchecking the
CLR Asserted checkbox drives the CLR
pin of the MAX5702 or MAX5802 high. To change the
DACoutputs,theusermustwritetotheCODEregisters,
and then write to the DAC registers.
Power
The power command is selectable for individual DACs.
When a DAC is selected, the channel is active. Other
options include powering down with 1kΩ termination
to GND, 100kΩ termination to GND, and high imped-
ance.Oncetheappropriateselectionismade,pressthe
Execute button. A Read Back button is available for the
I2C interface.


Similar Part No. - MAX5X02EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
   CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
   Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results

Similar Description - MAX5X02EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
   2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
   2.7V to 5.5V Input Voltage Range
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
MAX15112EVKIT MAXIM-MAX15112EVKIT Datasheet
806Kb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
MAX6078EVKIT MAXIM-MAX6078EVKIT Datasheet
589Kb / 6P
   2.3V to 5.5V Input Supply Range
Rev 0; 6/19
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com