Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1722 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1722
Description  1.5μA IQ, Step-Up DC-DC Converters in TSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1722 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1722_13 Datasheet HTML 4Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 5Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 6Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 7Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 8Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 9Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 10Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 11Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MAX1722/MAX1723/MAX1724
1.5µA IQ, Step-Up DC-DC Converters in TSOT
10
Maxim Integrated
For most applications, the peak inductor current equals
the current limit. However, for applications using large
inductor values or low input voltages, the maximum on-
time limits the peak inductor current (see
Inductor
Selection section).
Capacitor Selection
Choose input and output capacitors to supply the input
and output peak currents with acceptable voltage rip-
ple. The input filter capacitor (CIN) reduces peak cur-
rents drawn from the battery and improves efficiency.
Low equivalent series resistance (ESR) capacitors are
recommended. Ceramic capacitors have the lowest
ESR, but low ESR tantalum or polymer capacitors offer
a good balance between cost and performance.
Output voltage ripple has two components: variations
in the charge stored in the output capacitor with each
LX pulse, and the voltage drop across the capacitor’s
ESR caused by the current into and out of the capaci-
tor:
where IPEAK is the peak inductor current (see Inductor
Selection section). For ceramic capacitors, the output
voltage ripple is typically dominated by VRIPPLE(C). For
example, a 10µF ceramic capacitor and a 10µH induc-
tor typically provide 75mV of output ripple when step-
ping up from 3.3V to 5V at 50mA. Low input-to-output
voltage differences (i.e. two cells to 3.3V) require high-
er output capacitor values.
Capacitance and ESR variation of temperature should
be considered for best performance in applications
with wide operating temperature ranges. Table 2 lists
suggested capacitors and suppliers.
PC Board Layout Considerations
Careful PC board layout is important for minimizing
ground bounce and noise. Keep the IC’s GND pin and
the ground leads of the input and output capacitors
less than 0.2in (5mm) apart using a ground plane. In
addition,
keep
all
connections
to
FB
(MAX1722/MAX1723 only) and LX as short as possible.
VV
V
V
V
L
VV
C
I
RIPPLE
RIPPLE C
RIPPLE ESR
RIPPLE ESR
RIPPLE C
OUT
BATT
OUT
=+
()
()
()
( )
()
(
)
()
PEAK
ESR COUT
PEAK
OUT
I
R
-
I-
2
1
2
2
Table 2. Suggested Surface-Mount Capacitors and Manufacturers (C1 and C2)
MANUFACTURER
CAPACITOR
VALUE
DESCRIPTION
PHONE
WEBSITE
1
μF to 10μF
X7R Ceramic
AVX
10
μF to 330μF
TAJ Tantalum Series
TPS Tantalum Series
843-448-9411
www.avxcorp.com
1
μF to 22μF
X5R/X7R Ceramic
10
μF to 330μF
T494 Tantalum Series
Kemet
68
μF to 330μF
T520 Tantalum Series
864-963-6300
www.kemet.com
Sanyo
33
μF to 330μF
TPC Polymer Series
408-749-9714
www.secc.co.jp
Taiyo Yuden
33
μF to 330μF
X5R/X7R Ceramic
800-368-2496
www.t-yuden.org
TDK
1
μF to 10μF
X7R Ceramic
847-803-6100
www.tdk.com
Vishay Sprague
10
μF to 330μF
594D Tantalum Series
595D Tantalum Series
203-452-5664
www.vishay.com


Similar Part No. - MAX1722_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
More results

Similar Description - MAX1722_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
MAX1722 MAXIM-MAX1722_V01 Datasheet
1Mb / 13P
   1.5關A IQ, Step-Up DC-DC Converters in TSOT and 關DFN
2017
MAX1722 MAXIM-MAX1722 Datasheet
292Kb / 12P
   1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
19-1735; Rev 0; 7/01
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Linear Technology
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Torex Semiconductor
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
   1.4A, Inductor Built-in Step-up DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com