Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GC010 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ64GC010
Description  16-Bit Flash Microcontrollers with 12-Bit Pipeline A/D, Sigma-Delta A/D, USB On-The-Go and XLP Technology
Download  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GC010 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ64GC010 Datasheet HTML 1Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 2Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 3Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GC010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 472 page
background image
 2012-2013 Microchip Technology Inc.
DS30009312B-page 3
PIC24FJ128GC010 FAMILY
Pin Diagrams
Legend: Shaded pins
indicate pins tolerant to up to +5.5 VDC.
See Table 1 for a complete description of pin functions.
Note 1:
It is recommended to connect the metal pad on the bottom of the 64-pin QFN package to VSS.
64-Pin TQFP (10 mm x 10 mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
44
1
46
45
43
42
41
40
39
38
37
34
36
35
33
VDD
VSS
RG9
MCLR
RG8
RG7
RG6
RE7
RE6
RE5
RB5
RB4
RB3
RB2
RB1
RB0
OSCI/RC12
OSCO/RC15
VSS
RD8
RD9
RD10
RD11
RD0
RC13
RC14
VDD
D+/RG2
D-/RG3
VUSB3V3
VBUS/RF7
RF3
PIC24FJXXXGC006
64-Pin QFN (9 mm x 9 mm)(1)


Similar Part No. - PIC24FJ64GC010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA MICROCHIP-PIC24FJ64GA Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA MICROCHIP-PIC24FJ64GA Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA MICROCHIP-PIC24FJ64GA Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results

Similar Description - PIC24FJ64GC010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
Holtek Semiconductor In...
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Holtek Semiconductor In...
HT67F5640 HOLTEK-HT67F5640 Datasheet
5Mb / 179P
   20-Bit Delta Sigma A/D LCD Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5652 HOLTEK-HT67F5652 Datasheet
7Mb / 224P
   24-Bit Delta Sigma A/D LCD Flash MCU
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com