Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8973A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8973A
Description  9A, Three-Phase Step-Down Switching Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8973A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8973A Datasheet HTML 3Page - Maxim Integrated Products MAX8973A Datasheet HTML 4Page - Maxim Integrated Products MAX8973A Datasheet HTML 5Page - Maxim Integrated Products MAX8973A Datasheet HTML 6Page - Maxim Integrated Products MAX8973A Datasheet HTML 7Page - Maxim Integrated Products MAX8973A Datasheet HTML 8Page - Maxim Integrated Products MAX8973A Datasheet HTML 9Page - Maxim Integrated Products MAX8973A Datasheet HTML 10Page - Maxim Integrated Products MAX8973A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
MAX8973A
9A, Three-Phase Step-Down
Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 7
Electrical Characteristics (continued)
(VIN_ = VCC = VEN = 3.6V, VAGND = VPG_ = VBIASEN = VDVS = 0V, VEN = 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Clock Low Period (tLOW)
160
ns
Clock High Period (tHIGH)
60
ns
Data Setup Time (tSU;DAT)
10
ns
Data Hold Time (tHD;DAT)
0
70
ns
Minimum SCL Rise Time (tRCL,MIN)
10
ns
Maximum SCL Rise Time (tRCL,MAX)
40
ns
Minimum Rise Time of SCL Signal
After a Repeated START Condition
and After an Acknowledge Bit
(tRCL1,MIN)
10
ns
Maximum Rise Time of SCL Signal
After a Repeated START Condition
and After an Acknowledge Bit
(tRCL1,MAX)
80
ns
Minimum SCL Fall Time (tFCL,MIN)
10
ns
Maximum SCL Fall Time (tFCL,MAX)
40
ns
Minimum SDA Rise Time (tRDA,MIN)
10
ns
Maximum SDA Rise Time (tRDA,MAX)
80
ns
Minimum SDA Fall Time (tFDA,MIN)
10
ns
Maximum SDA Fall Time (tFDA,MAX)
80
ns
Setup Time for STOP Condition
(tSU;STO)
160
ns
Capacitive Load for Each Bus Line
(CB) (Note 3)
100
pF
Maximum Pulse Width of Spikes that
Must be Suppressed by the Input
Filter
10
ns
CB = 400pF
Clock Frequency (fSCL)
(Note 3)
1.7
MHz
Setup Time Repeated START
Condition (tSU;STA) (Note 3)
160
ns
Hold Time Repeated START
Condition (tHD;STA) (Note 3)
160
ns
Clock Low Period (tLOW) (Note 3)
320
ns


Similar Part No. - MAX8973A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8971 MAXIM-MAX8971 Datasheet
3Mb / 39P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
Rev 0; 1/12
MAX8971 MAXIM-MAX8971 Datasheet
2Mb / 45P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
MAX8971EWP++ MAXIM-MAX8971EWP+ Datasheet
3Mb / 39P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
Rev 0; 1/12
MAX8971EWP++ MAXIM-MAX8971EWP+ Datasheet
2Mb / 45P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
MAX8971EWP+T MAXIM-MAX8971EWP+T Datasheet
2Mb / 45P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
More results

Similar Description - MAX8973A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com