Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6690A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6690A
Description  Single N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6690A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6690A Datasheet HTML 1Page - Fairchild Semiconductor FDS6690A Datasheet HTML 2Page - Fairchild Semiconductor FDS6690A Datasheet HTML 3Page - Fairchild Semiconductor FDS6690A Datasheet HTML 4Page - Fairchild Semiconductor FDS6690A Datasheet HTML 5Page - Fairchild Semiconductor FDS6690A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2007 Fairchild Semiconductor Corporation
FDS6690A Rev E1 (W)
FDS6690A
Single N-Channel, Logic-Level, PowerTrench®®®® MOSFET
General Description
This N-Channel Logic Level MOSFET is produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Features
• 11 A, 30 V.
RDS(ON) = 12.5 mΩ @ VGS = 10 V
RDS(ON) = 17.0 mΩ @ VGS = 4.5 V
• Fast switching speed
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
D
D
D
D
S
S
S
G
Pin 1
SO-8
4
3
2
1
5
6
7
8
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous
(Note 1a)
11
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
PD
(Note 1b)
1.0
W
EAS
Single Pulse Avalanche Energy
(Note 3)
96
mJ
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
125
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6690A
FDS6690A
13’’
12mm
2500 units
tm
February 2007


Similar Part No. - FDS6690A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6690A FAIRCHILD-FDS6690A Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
logo
Guangdong Youtai Semico...
FDS6690A UMW-FDS6690A Datasheet
461Kb / 7P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
logo
Texas Instruments
FDS6690AS TI-FDS6690AS Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - FDS6690A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com