Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C312S8F Datasheet(PDF) 5 Page - Microchip Technology

Part # RE46C312S8F
Description  Low-Input Leakage, Rail-to-Rail Input/Output Op Amps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C312S8F Datasheet(HTML) 5 Page - Microchip Technology

  RE46C312S8F Datasheet HTML 1Page - Microchip Technology RE46C312S8F Datasheet HTML 2Page - Microchip Technology RE46C312S8F Datasheet HTML 3Page - Microchip Technology RE46C312S8F Datasheet HTML 4Page - Microchip Technology RE46C312S8F Datasheet HTML 5Page - Microchip Technology RE46C312S8F Datasheet HTML 6Page - Microchip Technology RE46C312S8F Datasheet HTML 7Page - Microchip Technology RE46C312S8F Datasheet HTML 8Page - Microchip Technology RE46C312S8F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2013 Microchip Technology Inc.
DS25163A-page 5
RE46C311/2
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =1 M to VL, and CL =60pF.
FIGURE 2-7:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-8:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage.
FIGURE 2-9:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD =5.5V.
FIGURE 2-10:
Small Signal Non-inverting
Pulse Response.
FIGURE 2-11:
Small Signal Inverting Pulse
Response.
FIGURE 2-12:
Large Signal Non-inverting
Pulse Response.
80
90
100
110
120
130
140
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Power Supply Voltage (V)
R
L = 50 k
V
OUT = 0.1V to VDD –0.1V
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
-0.500.00 0.50 1.00 1.50 2.00 2.503.003.504.004.505.005.50
Common Mode Voltage (V)
PM
GBWP
V
DD = 5.5V
Gain = 100
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
-10
0
10
20
30
40
50
60
Ambient Temperature (°C)
GBWP
PM
V
DD = 5.5V
Time (100 μs/div)
G = 1 V/V
R
L = 50 kΩ
Ω
Time (100 μs/div)
G = -1 V/V
R
L = 50 kΩ
Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (1 ms/div)
G = -1 V/V
R
L = 50 kΩ
V
DD = 5.0V


Similar Part No. - RE46C312S8F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C318 MICROCHIP-RE46C318 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
More results

Similar Description - RE46C312S8F

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com