Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

rfPIC12F675F Datasheet(PDF) 1 Page - Microchip Technology

Part # rfPIC12F675F
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

rfPIC12F675F Datasheet(HTML) 1 Page - Microchip Technology

  rfPIC12F675F Datasheet HTML 1Page - Microchip Technology rfPIC12F675F Datasheet HTML 2Page - Microchip Technology rfPIC12F675F Datasheet HTML 3Page - Microchip Technology rfPIC12F675F Datasheet HTML 4Page - Microchip Technology rfPIC12F675F Datasheet HTML 5Page - Microchip Technology rfPIC12F675F Datasheet HTML 6Page - Microchip Technology rfPIC12F675F Datasheet HTML 7Page - Microchip Technology rfPIC12F675F Datasheet HTML 8Page - Microchip Technology rfPIC12F675F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
 2003-2013 Microchip Technology Inc.
Preliminary
DS70091B-page 1
rfPIC12F675
High Performance RISC CPU:
• Only 35 instructions to learn
- All single cycle instructions except branches
• Operating speed:
- Precision Internal 4 MHz oscillator, factory
calibrated to ±1%
- DC - 20 MHz Resonator/Crystal/Clock modes
- DC - 20 MHz crystal oscillator/clock input
- DC - 4 MHz external RC oscillator
- DC - 4 MHz XT crystal oscillator
- External Oscillator modes
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
Peripheral Features:
• Memory
- 1024 x 14 words of FLASH program memory
- 128 x 8 bytes of EEPROM data memory
- 64 x 8 bytes of SRAM data memory
- 100,000 write FLASH endurance
- 1,000,000 write EEPROM endurance
- FLASH/data EEPROM retention: > 40 years
• Programmable code protection
• 6 I/O pins with individual direction control, weak
pull-ups, and interrupt-on-pin change
• High current sink/source for direct LED drive
• Analog comparator: 16 internal reference levels
• Analog-to-Digital Converter: 10 bits, 4 channels
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with 3-bit prescaler
• Timer1 can use LP oscillator in INTOSC mode
•5
s wake-up from SLEEP typical with VDD = 3V
• In-Circuit Serial ProgrammingTM (ICSPTM)
Low Power Features:
• Low power consumption: (typical with VDD = 3V)
-14 mA transmitting +6 dBm at 434 MHz
-4 mA transmitting -15 dBm at 434 MHz
-500
A, 4.0 MHz INTOSC
-0.6
A SLEEP with watchdog enabled
-0.1
A standby current
• Wide operating voltage range from 2.0 – 5.5V
• Industrial and Extended temperature range
Pin Diagram:
UHF ASK/FSK Transmitter:
• Integrated crystal oscillator, VCO, loop filter and
power amp for minimum external components
• ASK data rate: 0 – 40 Kbps
• FSK data rate: 0 – 40 Kbps by crystal pulling
• Output power: +10 dBm to -12 dBm in 4 steps
• Adjustable transmitter power consumption
• Transmit frequency set by crystal multiplied by 32
• VCO phase locked to quartz crystal reference;
allows narrow band receivers to be used to
maximize range and interference immunity
• Crystal frequency divide by 4 available (REFCLK)
• Used in applications conforming to US FCC Part
15.231 and European EN 300 220 regulations
Applications:
• Automotive Remote Keyless Entry (RKE) systems
• Automotive alarm systems
• Community gate and garage door openers
• Burglar alarm systems
• Building access
• Low power telemetry
• Meter reading
• Tire pressure sensors
• Wireless sensors
Device
Frequency
Modulation
rfPIC12F675K
290-350 MHz
ASK/FSK
rfPIC12F675F
380-450 MHz
ASK/FSK
rfPIC12F675H
850-930 MHz
ASK/FSK
SSOP
VSS
GP2/T0CKI/INT/COUT
DATAFSK
GP1/CIN-/ICSPCLK
VDD
GP5/T1CKI/OSC1/CLKIN
GP3/MCLR/VPP
RFEN
REFCLK
PS
VDDRF
GP4/T1G/OSC2/CLKOUT
DATAASK
2
3
4
5
6
7
8
9
•1
19
18
16
15
14
13
12
17
20
GP0/CIN+/ICSPDAT
LF
VSSRF
VSSRF
ANT
10
11
FSKOUT
RFXTAL
FLASH-Based Microcontroller with ASK/FSK Transmitter


Similar Part No. - rfPIC12F675F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFPIC12F675F MICROCHIP-RFPIC12F675F Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
More results

Similar Description - rfPIC12F675F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com