Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

rfPIC12F675F Datasheet(PDF) 10 Page - Microchip Technology

Part # rfPIC12F675F
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

rfPIC12F675F Datasheet(HTML) 10 Page - Microchip Technology

Back Button rfPIC12F675F Datasheet HTML 6Page - Microchip Technology rfPIC12F675F Datasheet HTML 7Page - Microchip Technology rfPIC12F675F Datasheet HTML 8Page - Microchip Technology rfPIC12F675F Datasheet HTML 9Page - Microchip Technology rfPIC12F675F Datasheet HTML 10Page - Microchip Technology rfPIC12F675F Datasheet HTML 11Page - Microchip Technology rfPIC12F675F Datasheet HTML 12Page - Microchip Technology rfPIC12F675F Datasheet HTML 13Page - Microchip Technology rfPIC12F675F Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
rfPIC12F675
DS70091B-page 10
Preliminary
 2003-2013 Microchip Technology Inc.
2.2.2.2
OPTION Register
The OPTION register is a readable and writable
register,
which
contains
various
control
bits
to
configure:
• TMR0/WDT prescaler
• External GP2/INT interrupt
•TMR0
• Weak pull-ups on GPIO
REGISTER 2-2:
OPTION_REG — OPTION REGISTER (ADDRESS: 81h)
Note:
To achieve a 1:1 prescaler assignment for
TMR0, assign the prescaler to the WDT by
setting PSA bit to ‘1’ (OPTION<3>). See
Section 4.4.
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
bit 7
GPPU: GPIO Pull-up Enable bit
1
= GPIO pull-ups are disabled
0
= GPIO pull-ups are enabled by individual port latch values
bit 6
INTEDG: Interrupt Edge Select bit
1
= Interrupt on rising edge of GP2/INT pin
0
= Interrupt on falling edge of GP2/INT pin
bit 5
T0CS: TMR0 Clock Source Select bit
1
= Transition on GP2/T0CKI pin
0
= Internal instruction cycle clock (CLKOUT)
bit 4
T0SE: TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on GP2/T0CKI pin
0
= Increment on low-to-high transition on GP2/T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the TIMER0 module
bit 2-0
PS2:PS0: Prescaler Rate Select bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
TMR0 Rate WDT Rate


Similar Part No. - rfPIC12F675F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFPIC12F675F MICROCHIP-RFPIC12F675F Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
More results

Similar Description - rfPIC12F675F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com