Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39D117F400JT6 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 39D117F400JT6
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D117F400JT6 Datasheet(HTML) 5 Page - Vishay Siliconix

  39D117F400JT6 Datasheet HTML 1Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 2Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 3Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 4Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 5Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 6Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 7Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 8Page - Vishay Siliconix 39D117F400JT6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42036
222
Revision: 17-Nov-06
39D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Powerlytic® Electrolytics
Notes
*
These values are normally stocked. Case codes subject to change without notice.
1. ‘4’ suffix was clear PVC sleeve. ‘6’ is blue.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
75 WVDC at + 85 °C, SURGE = 95 V
500
HL
39D507G075HL6
700
HP
39D707G075HP6
750
JL
39D757G075JL6
850
HS
39D857G075HS6
1000.0*
JP
39D108G075JP6
1200
JS
39D128G075JS6
1500
JT
39D158G075JT6
100 WVDC at + 85 °C, SURGE = 125 V
15
EE
39D156F100EE6
35
EJ
39D356F100EJ6
55
EL
39D556F100EL6
60
GE
39D606F100GE6
75
FJ
39D756F100FJ6
90
HE
39D906F100HE6
110
FL
39D117F100FL6
120
GJ
39D127F100GJ6
130
JE
39D137F100JE6
150
FP
39D157F100FP6
180
HJ
39D187F100HJ6
190
GL
39D197F100GL6
250
GP
39D257F100GP6
260
JJ
39D267F100JJ6
280
HL
39D287F100HL6
370
HP
39D377F100HP6
390
JL
39D397F100JL6
460
HS
39D467F100HS6
520
JP
39D527F100JP6
650
JS
39D657F100JS6
780
JT
39D787F100JT6
150 WVDC at + 85 °C, SURGE = 175 V
10
EE
39D106F150EE6
25
EJ
39D256F150EJ6
40
EL
39D406F150EL6
50
FJ
39D506F150FJ6
60
HE
39D606F150HE6
80
FL
39D806F150FL6
85
GJ
39D856F150GJ6
88
JE
39D886F150JE6
100
FP
39D107F150FP6
120
GL
39D127F150GL6
170
GP
39D177F150GP6
190
HL
39D197F150HL6
250
HP
39D257F150HP6
260
JL
39D267F150JL6
310
HS
39D317F150HS6
350
JP
39D357F150JP6
440
JS
39D447F150JS6
530
JT
39D537F150JT4


Similar Part No. - 39D117F400JT6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
More results

Similar Description - 39D117F400JT6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
36D VISHAY-36D Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com