Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF020A Datasheet(PDF) 6 Page - Microchip Technology

Part # SST25WF020A
Description  2 Mbit 1.8V SPI Serial Flash
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020A Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST25WF020A Datasheet HTML 2Page - Microchip Technology SST25WF020A Datasheet HTML 3Page - Microchip Technology SST25WF020A Datasheet HTML 4Page - Microchip Technology SST25WF020A Datasheet HTML 5Page - Microchip Technology SST25WF020A Datasheet HTML 6Page - Microchip Technology SST25WF020A Datasheet HTML 7Page - Microchip Technology SST25WF020A Datasheet HTML 8Page - Microchip Technology SST25WF020A Datasheet HTML 9Page - Microchip Technology SST25WF020A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SST25WF020A
DS21392A-page 6
Preliminary
 2013 Microchip Technology Inc.
4.2
Status Register
The software status register provides status on
whether the flash memory array is available for any
Read or Write operation, whether the device is Write
enabled, and the state of the Memory Write protection.
During an internal Erase or Program operation, the sta-
tus register may be read only to determine the comple-
tion of an operation in progress. Table 4-2 describes
the function of each bit in the software status register.
4.2.1
BUSY (BIT 0)
The Busy bit determines whether there is an internal
Erase or Program operation in progress. A ‘1’ for the
Busy bit indicates the device is busy with an operation
in progress. A ‘0’ indicates the device is ready for the
next valid operation.
4.2.2
WRITE ENABLE LATCH (WEL–BIT 1)
The Write-Enable-Latch bit indicates the status of the
internal Write-Enable-Latch memory. If the WEL bit is
set to ‘1’, it indicates the device is Write enabled. If the
bit is set to ‘0’ (reset), it indicates the device is not Write
enabled and does not accept any Write (Program/
Erase) commands. The Write-Enable-Latch bit is auto-
matically reset under the following conditions:
• Power-up
• Write-Disable (WRDI) instruction completion
• Page-Program instruction completion
• Sector-Erase instruction completion
• 64 KByte Block-Erase instruction completion
• Chip-Erase instruction completion
• Write-Status-Register instruction completion
4.2.3
BLOCK-PROTECTION (BP0, BP1,
AND TB–BITS 2, 3, AND 5)
The Block-Protection (BP0, BP1, and TB) bits define
the size of the memory area to be software protected
against any memory Write (Program or Erase) opera-
tion, see Table 4-3. The Write-Status-Register (WRSR)
instruction is used to program the BP0, BP1, and TB
bits as long as WP# is high or the Block-Protect-Lock
(BPL) bit is ‘0’. Chip-Erase can only be executed if
Block-Protection bits are all ‘0’. BP0 and BP1 select the
protected area and TB allocates the protected area to
the higher-order address area (Top Blocks) or lower-
order address area (Bottom Blocks).
TABLE 4-2:
SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP01
1. BP0, BP1, TB, and BPL bits are non-volatile memory bits.
Indicate current level of block write protection (See Table 4-3)
0 or 1
R/W
3
BP11
Indicate current level of block write protection (See Table 4-3)
0 or 1
R/W
4
RES
Reserved for future use
0
N/A
5TB1
1 = 1/4 or 1/2 Bottom Memory Blocks are protected (See Table 4-3)
0 = 1/2 or 1/4 Top Memory Blocks are protected
0 or 1
R/W
6
RES
Reserved for future use
0
N/A
7
BPL1
1 = BP0, BP1, TB, and BPL are read-only bits
0 = BP0, BP1, TB, and BPL are read/writable
0 or 1
R/W


Similar Part No. - SST25WF020A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A-40I/MF MICROCHIP-SST25WF020A-40I/MF Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A-40I/MF MICROCHIP-SST25WF020A-40I/MF Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A-40I/SN MICROCHIP-SST25WF020A-40I/SN Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
More results

Similar Description - SST25WF020A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF040B MICROCHIP-SST25WF040B Datasheet
734Kb / 39P
   4 Mbit 1.8V SPI Serial Flash
2014
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF040B MICROCHIP-SST25WF040B_V01 Datasheet
1Mb / 41P
   4 Mbit 1.8V SPI Serial Flash
Revision E Dec 2018
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com