Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17000 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17000
Description  Complete DDR2 and DDR3 Memory Power-Management Solution
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17000 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17000_13 Datasheet HTML 3Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 4Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 5Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 6Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 7Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 8Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 9Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 10Page - Maxim Integrated Products MAX17000_13 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MAX17000
Complete DDR2 and DDR3 Memory
Power-Management Solution
7
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VCC = VDD = VSHDN = VREFIN = 5V, VCSL = 1.8V, STDBY = SKIP = AGND, TA = -40°C to +85°C, unless otherwise noted.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
REFERENCE BUFFER (VTTR)
IVTT = ±1mA
-10
+10
VTTR Output Accuracy (Adj)
REFIN to VTTR
IVTT = ±3mA
-20
+20
mV
IVTT = ±1mA
-10
+10
VTTR Output Accuracy (Preset)
VCSL/2 to VTTR
IVTT = ±3mA
-20
+20
mV
FAULT DETECTION (SMPS)
PGOOD1 Output Low Voltage
ISINK = 3mA
0.4
V
FAULT DETECTION (VTT)
PGOOD2 Output Low Voltage
ISINK = 3mA
0.4
V
FAULT DETECTION
VCC Undervoltage-Lockout
Threshold
VUVLO(VCC)
Rising edge, IC disabled below this level;
hysteresis = 200mV
4.0
4.4
V
CURRENT LIMIT
Valley Current-Limit Threshold
VLIMIT
VCSH - VCSL
15
25
mV
SMPS GATE DRIVERS
DH Gate Driver On-Resistance
RDH
BST - LX forced to 5V
5
DL high
5
DL Gate Driver On-Resistance
RDL
DL low
3
DL rising
10
Dead Time
tDEAD
DL falling
15
ns
INPUTS AND OUTPUTS
Logic Input Threshold
SHDN, STDBY, SKIP, OVP, rising edge
hysteresis = 300mV/600mV (min/max)
1.3
2
V
Note 1: Limits are 100% production tested at TA = +25°C. Maximum and minimum limits over temperature are guaranteed by design
and characterization.
Note 2: On-time and off-time specifications are measured from 50% point at the DH pin with LX = GND, VBST = 5V, and a 250pF
capacitor connected from DH to LX. Actual in-circuit times might differ due to MOSFET switching speeds.


Similar Part No. - MAX17000_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
More results

Similar Description - MAX17000_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
uPI Group Inc.
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Converter
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
   Complete DDR3/ DDR4 Memory Power Solution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com