Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39SF040-55-4I-WHE Datasheet(PDF) 5 Page - Microchip Technology

Part # SST39SF040-55-4I-WHE
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040-55-4I-WHE Datasheet(HTML) 5 Page - Microchip Technology

  SST39SF040-55-4I-WHE Datasheet HTML 1Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 2Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 3Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 4Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 5Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 6Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 7Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 8Page - Microchip Technology SST39SF040-55-4I-WHE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
©2013 Silicon Storage Technology, Inc.
DS25022B
04/13
5
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Figure 3: Pin Assignments for 32-lead TSOP (8mm x 14mm)
Figure 4: Pin Assignments for 32-pin PDIP
A11
A9
A8
A13
A14
NC
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1147 32-tsop P1.1
Standard Pinout
Top View
Die Up
SST39SF010A
A11
A9
A8
A13
A14
A17
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
A17
WE#
VDD
A18
A16
A15
A12
A7
A6
A5
A4
SST39SF020A
SST39SF040
SST39SF010A
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
SST39SF020A
SST39SF040
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
PDIP
Top View
1147 32-pdip P3.2
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
SST39SF010A
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
SST39SF020A
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
SST39SF040
SST39SF010A
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
WE#
NC
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
SST39SF020A
SST39SF040
VDD
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3


Similar Part No. - SST39SF040-55-4I-WHE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39SF040-55-4I-WHE MICROCHIP-SST39SF040-55-4I-WHE Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040-55-4I-WHE MICROCHIP-SST39SF040-55-4I-WHE Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results

Similar Description - SST39SF040-55-4I-WHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com