Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428AM Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4428AM
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428AM Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4428AM Datasheet HTML 6Page - Microchip Technology TC4428AM Datasheet HTML 7Page - Microchip Technology TC4428AM Datasheet HTML 8Page - Microchip Technology TC4428AM Datasheet HTML 9Page - Microchip Technology TC4428AM Datasheet HTML 10Page - Microchip Technology TC4428AM Datasheet HTML 11Page - Microchip Technology TC4428AM Datasheet HTML 12Page - Microchip Technology TC4428AM Datasheet HTML 13Page - Microchip Technology TC4428AM Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC4426AM/TC4427AM/TC4428AM
DS21939B-page 10
 2005-2013 Microchip Technology Inc.
8-Lead Ceramic Dual In-line – 300 mil (CERDIP)
10.16
9.15
8.13
.400
.360
.320
eB
Overall Row Spacing
0.51
0.46
0.41
.020
.018
.016
B
Lower Lead Width
1.65
1.40
1.14
.065
.055
.045
B1
Upper Lead Width
0.38
0.29
0.20
.015
.012
.008
c
Lead Thickness
5.08
4.13
3.18
.200
.163
.125
L
Tip to Seating Plane
10.16
9.78
9.40
.400
.385
.370
D
Overall Length
7.62
6.73
5.84
.300
.265
.230
E1
Ceramic Pkg. Width
8.13
7.75
7.37
.320
.305
.290
E
Shoulder to Shoulder Width
1.02
0.77
0.51
.040
.030
.020
A1
Standoff §
5.08
4.57
4.06
.200
.180
.160
A
Top to Seating Plane
2.54
.100
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
JEDEC Equivalent: MS-030
Drawing No. C04-010
*Controlling Parameter
1
2
D
n
E1
c
eB
E
p
L
A2
B
B1
A
A1
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging


Similar Part No. - TC4428AM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4428AM MICROCHIP-TC4428AM Datasheet
190Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
logo
TelCom Semiconductor, I...
TC4428AMJA TELCOM-TC4428AMJA Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4428AMJA MICROCHIP-TC4428AMJA Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4428AMJA MICROCHIP-TC4428AMJA Datasheet
190Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
More results

Similar Description - TC4428AM

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com