Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSH69 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPSH69
Description  RF Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSH69 Datasheet(HTML) 1 Page - Motorola, Inc

  MPSH69 Datasheet HTML 1Page - Motorola, Inc MPSH69 Datasheet HTML 2Page - Motorola, Inc MPSH69 Datasheet HTML 3Page - Motorola, Inc MPSH69 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
RF Amplifier Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–15
Vdc
Collector – Base Voltage
VCBO
–15
Vdc
Emitter – Base Voltage
VEBO
–4.0
Vdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.81
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–15
Vdc
Collector – Base Breakdown Voltage
(IC = –10 mAdc, IE = 0)
V(BR)CBO
–15
Vdc
Emitter – Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–4.0
Vdc
Collector Cutoff Current
(VCB = –10 Vdc, IE = 0)
ICBO
–100
nAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPSH69/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSH69
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
Motorola Preferred Device
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPSH69

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPSH-11 FAIRCHILD-MPSH-11 Datasheet
128Kb / 8P
   NPN RF Transistor
logo
Unisonic Technologies
MPSH10 UTC-MPSH10 Datasheet
136Kb / 4P
   RF TRANSISTOR
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors
logo
SHENZHEN YONGERJIA INDU...
MPSH10 WINNERJOIN-MPSH10 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors(NPN Silicon)
1996
More results

Similar Description - MPSH69

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMT74 MOTOROLA-MMT74 Datasheet
54Kb / 2P
   RF AMPLIFIER TRANSISTOR
logo
Fairchild Semiconductor
KST5179 FAIRCHILD-KST5179 Datasheet
44Kb / 3P
   RF Amplifier Transistor
logo
Samsung semiconductor
MMBR5179 SAMSUNG-MMBR5179 Datasheet
33Kb / 1P
   RF AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MSC3930-BT1 ONSEMI-MSC3930-BT1 Datasheet
42Kb / 2P
   NPN RF Amplifier Transistor
October, 2005 ??Rev. 3
logo
Samsung semiconductor
MMBC1009F1 SAMSUNG-MMBC1009F1 Datasheet
27Kb / 1P
   AM/FM RF AMPLIFIER TRANSISTOR
logo
Motorola, Inc
MMBR5179LT1 MOTOROLA-MMBR5179LT1 Datasheet
47Kb / 2P
   RF AMPLIFIER TRANSISTOR NPN SILICON
logo
AUK corp
2SC5345 AUK-2SC5345 Datasheet
123Kb / 4P
   NPN Silicon Transistor (RF amplifier)
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
   NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
NSVF4020SG4 ONSEMI-NSVF4020SG4 Datasheet
690Kb / 10P
   RF Transistor for Low Noise Amplifier
June 2016 - Rev. P1
NSVF5488SK ONSEMI-NSVF5488SK Datasheet
179Kb / 7P
   RF Transistor for Low Noise Amplifier
February, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com