Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10033526-N3212LF Datasheet(PDF) 2 Page - FCI connector

Part # 10033526-N3212LF
Description  MINI USB B-TYPE SMT RECEPTACLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10033526-N3212LF Datasheet(HTML) 2 Page - FCI connector

  10033526-N3212LF Datasheet HTML 1Page - FCI connector 10033526-N3212LF Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PDS: Rev :N
STATUS:Released
Printed: Aug 30, 2011


Similar Part No. - 10033526-N3212LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10033527-N3112 FCI-CONNECTOR-10033527-N3112 Datasheet
143Kb / 2P
   MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
10033527-N3212MLF FCI-CONNECTOR-10033527-N3212MLF Datasheet
143Kb / 2P
   MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
More results

Similar Description - 10033526-N3212LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
   MINI USB, SMT, B TYPE
logo
List of Unclassifed Man...
USB-M26FTR ETC2-USB-M26FTR Datasheet
84Kb / 1P
   Mini USB - SMT Board Mount - B Type
logo
Tyco Electronics
1-440247-1 MACOM-1-440247-1 Datasheet
144Kb / 4P
   MINI USB RIGHT ANGLE, SMT. B TYPE
logo
Molex Electronics Ltd.
54819-0578 MOLEX5-54819-0578 Datasheet
227Kb / 3P
   USB SERIES MINI-B RECEPTACLE ASSY FOR SMT
logo
Wurth Elektronik GmbH &...
65100516121 WURTH-65100516121 Datasheet
464Kb / 2P
   MINI USB 2.0 SMT TYPE B 5 CONTACTS
logo
Harwin Plc
M701-370442 HARWIN-M701-370442 Datasheet
64Kb / 1P
   USB B TYPE FEMALE SMT
logo
FCI connector
61729-1011BLF FCI-CONNECTOR-61729-1011BLF Datasheet
155Kb / 2P
   USB RECEPTACLE B TYPE
61729-0010BLF FCI-CONNECTOR-61729-0010BLF Datasheet
155Kb / 2P
   USB RECEPTACLE B TYPE
logo
Global Connector Techno...
USB2066 GCT-USB2066 Datasheet
161Kb / 2P
   Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal, Optional Post, 9.40mm Length
4th June 2009
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
   Mini USB B Type Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com