Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4395 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4395
Description  BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4395 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4395 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4395 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4395 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.068 [27.13]
Width/Dia., in [mm]
1 [25.40]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch
Hole Spacing PE4395
PE4395
PE4395 REV
BNC Female Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .718 inch Hole Spacing


Similar Part No. - PE4395

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4395 PASTERNACK-PE4395 Datasheet
322Kb / 3P
   BNC Female Connector Solder Attachment
PE4395 PASTERNACK-PE4395_15 Datasheet
322Kb / 3P
   BNC Female Connector Solder Attachment
More results

Similar Description - PE4395

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
   75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
   C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
   SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
   UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
   SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
   SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
   N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44096 PASTERNACK-PE44096 Datasheet
220Kb / 3P
   C Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
   BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE44117 PASTERNACK-PE44117 Datasheet
240Kb / 3P
   C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com