Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2505AF Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2505AF
Description  SINGLE ISOLATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2505AF Datasheet(HTML) 9 Page - New Japan Radio

  NJM2505AF Datasheet HTML 1Page - New Japan Radio NJM2505AF Datasheet HTML 2Page - New Japan Radio NJM2505AF Datasheet HTML 3Page - New Japan Radio NJM2505AF Datasheet HTML 4Page - New Japan Radio NJM2505AF Datasheet HTML 5Page - New Japan Radio NJM2505AF Datasheet HTML 6Page - New Japan Radio NJM2505AF Datasheet HTML 7Page - New Japan Radio NJM2505AF Datasheet HTML 8Page - New Japan Radio NJM2505AF Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ver.4
NJM2505A
- 9 -
s
s
s
s TYPICAL CHARACTERISTICS
Voltage gain vs. Ambient temperature
Frequency characteristics vs. Ambient temperature
(Vcc=5V,Vin=100kHz,1.0Vpp)
(Vcc=5V,Vin=1.0Vpp 10MHz/1MHz)
Common mode noise ratio vs. Ambient temperature
Differential gain vs. Ambient temperature
(Vcc=5V,Vin=20kHz,1.0Vpp)
(Vcc=5V,Vin=1.0Vpp)
Differential phase vs. Ambient temperature
(Vcc=5V,Vin=1.0Vpp)
-1.0
-0.5
0.0
0.5
1.0
-50.00
0.00
50.00
100.00
150.00
Temp [oC]
-1.0
-0.5
0.0
0.5
1.0
-50.00
0.00
50.00
100.00
150.00
Temp [oC]
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-50.00
0.00
50.00
100.00
150.00
Temp [oC]
0.0
0.2
0.4
0.6
0.8
1.0
-50.00
0.00
50.00
100.00
150.00
Temp [oC]
0.0
0.2
0.4
0.6
0.8
1.0
-50.00
0.00
50.00
100.00
150.00
Temp [
oC]
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJM2505AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2505AF-TE1 NJRC-NJM2505AF-TE1 Datasheet
384Kb / 9P
   SINGLE ISOLATION AMPLIFIER
More results

Similar Description - NJM2505AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2505AF-TE1 NJRC-NJM2505AF-TE1 Datasheet
384Kb / 9P
   SINGLE ISOLATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
logo
List of Unclassifed Man...
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
logo
Intronics Power, Inc.
290A INTRONICS-290A Datasheet
1Mb / 6P
   Low Cost, Single and Multichannel Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com