Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1191V-TE1 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJW1191V-TE1
Description  4-channel Electronic Volume with Input Selector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1191V-TE1 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJW1191V-TE1 Datasheet HTML 7Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 8Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 9Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 10Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 11Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 12Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 13Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 14Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NJW1191
– 11 –
!INSTRUCTION CODE
a) MAIN VOLUME (VOL1,Amp Gain) SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
Amp Gain
VOL1
•Amp Gain : 0dB, +6dB, +12dB, +18dB
•VOL1
: Volume 1 Attenuator setting 0 to –30dB (1dB/Step),-30 to –68dB (2dB/Step),Mute
b) BALANCE, FADER VOLUME (VOL2FL,FR,RL,RR ) SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
01H
VOL2FL
VOL2FR
02H
VOL2RL
VOL2RR
•VOL2FL,FR,RL,RR : 0,-2,-4,-6,-8,-10,-12,-16,-18,-20,-24,-32,-34,-36,-38,-42 dB
c) TONE SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
03H
BCB
TONE BASS
BCT
TONE TREBLE
•BCB : Boost cut select for Bass control
“0” : Cut
“1” : Boost
•TONE BASS : BASS Level Setting
Cut Level
: -14 to 0dB(2dB/Step)
Boost Level : 0 to +14dB(2dB/Step)
•BCT : Boost cut select for Treble control
“0” : Cut
“1” : Boost
•TONE TREBLE : TREBLE Level Setting
Cut Level
: -14 to 0dB(2dB/Step)
Boost Level : 0 to +14dB(2dB/Step)
d) INPUT SELECTOR SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
04H
FLMute
FRMute
RLMute
RRMute
Input Selector
Loudness
Test
•FLMute, FRMute, RLMute, RRMute : VOL2FL,FR,RL,RR Mute
•Input Selector: INPUT1 to 4
•Loudness : Loudness ON/OFF
•Test : For device check use only. Set D0 = 0 in usual.


Similar Part No. - NJW1191V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1191V NJRC-NJW1191V Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
More results

Similar Description - NJW1191V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1157 NJRC-NJW1157 Datasheet
311Kb / 22P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com