Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG408BNZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG408BNZ1
Description  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG408BNZ1 Datasheet(HTML) 4 Page - Analog Devices

  ADG408BNZ1 Datasheet HTML 1Page - Analog Devices ADG408BNZ1 Datasheet HTML 2Page - Analog Devices ADG408BNZ1 Datasheet HTML 3Page - Analog Devices ADG408BNZ1 Datasheet HTML 4Page - Analog Devices ADG408BNZ1 Datasheet HTML 5Page - Analog Devices ADG408BNZ1 Datasheet HTML 6Page - Analog Devices ADG408BNZ1 Datasheet HTML 7Page - Analog Devices ADG408BNZ1 Datasheet HTML 8Page - Analog Devices ADG408BNZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG408/ADG409
Rev. C | Page 4 of 16
B Version
T Version
Parameter
+25ºC
−40ºC to
+85ºC
+25ºC
−55ºC to
+125ºC
Unit
Test Conditions/Comments
POWER REQUIREMENTS
IDD
1
1
μA typ
VIN = 0 V, VEN = 0 V
5
5
μA max
ISS
1
1
μA typ
5
5
μA max
IDD
100
100
μA typ
VIN = 0 V, VEN = 2.4 V
200
500
200
500
μA max
1 Guaranteed by design, not subject to production test.
SINGLE SUPPLY
VDD = 12 V, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
B Version
T Version
Parameter
+25ºC
−40ºC to
+85ºC
+25
°C
−55ºC to
+125ºC
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
0 to VDD
V
RON
90
90
Ω typ
VD = 3 V, 10 V, IS = –1 mA
LEAKAGE CURRENTS
Source Off Leakage IS (OFF)
±0.5
±50
±0.5
±50
nA max
VD = 8 V/0 V, VS = 0 V/8 V; see Figure 19
Drain Off Leakage ID (OFF)
VD = 8 V/0 V, VS = 0 V/8 V; see Figure 20
ADG408
±1
±100
±1
±100
nA max
ADG409
±1
±50
±1
±50
nA max
Channel On Leakage ID, IS (ON)
VS = VD = 8 V/0 V; see Figure 21
ADG408
±1
±100
±1
±100
nA max
ADG409
±1
±50
±1
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±10
±10
μA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
8
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS1
tTRANSITION
130
130
ns typ
RL = 300 Ω, CL = 35 pF;
VS1 = 8 V/0 V, VS8 = 0 V/8 V; see Figure 22
tOPEN
10
10
ns typ
RL = 300 Ω, CL = 35 pF;
VS = 5 V; see Figure 23
tON (EN)
140
140
ns typ
RL = 300 Ω CL = 35 pF;
VS = 5 V; see Figure 24
tOFF (EN)
60
60
ns typ
RL = 300 Ω, CL = 35 pF;
VS = 5 V; see Figure 24
Charge Injection
5
5
pC typ
VS = 0 V, RS = 0Ω, CL = 10 nF; see Figure 25
Off Isolation
–75
–75
dB typ
RL = 1 kΩ f = 100 kHz;
VEN = 0 V; see Figure 26


Similar Part No. - ADG408BNZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408BNZ AD-ADG408BNZ Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Similar Description - ADG408BNZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com