Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6984S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6984S
Description  Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6984S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6984S Datasheet HTML 1Page - Fairchild Semiconductor FDS6984S Datasheet HTML 2Page - Fairchild Semiconductor FDS6984S Datasheet HTML 3Page - Fairchild Semiconductor FDS6984S Datasheet HTML 4Page - Fairchild Semiconductor FDS6984S Datasheet HTML 5Page - Fairchild Semiconductor FDS6984S Datasheet HTML 6Page - Fairchild Semiconductor FDS6984S Datasheet HTML 7Page - Fairchild Semiconductor FDS6984S Datasheet HTML 8Page - Fairchild Semiconductor FDS6984S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2000
2000 Fairchild Semiconductor Corporation
FDS6984S Rev C(W)
FDS6984S
Dual Notebook Power Supply N-Channel PowerTrench SyncFET
General Description
The FDS6984S is designed to replace two single SO-8
MOSFETs and Schottky diode in synchronous DC:DC
power supplies that provide various peripheral voltages
for notebook computers and other battery powered
electronic devices. FDS6984S contains two unique
30V, N-channel, logic level, PowerTrench MOSFETs
designed to maximize power conversion efficiency.
The high-side switch (Q1) is designed with specific
emphasis on reducing switching losses while the low-
side switch (Q2) is optimized to reduce conduction
losses. Q2 also includes an integrated Schottky diode
using Fairchild’s monolithic SyncFET technology.
Features
Q2:
Optimized to minimize conduction losses
Includes SyncFET Schottky diode
8.5A, 30V
R
DS(on) = 19 mΩ
=@ V
GS = 10V
R
DS(on) = 28 mΩ
=@ V
GS = 4.5V
Q1:
Optimized for low switching losses
Low gate charge ( 5 nC typical)
5.5A, 30V
R
DS(on) = 0.040Ω
=@ V
GS = 10V
R
DS(on) = 0.055Ω
=@ V
GS = 4.5V
S2
SO-8
G2
S1
G1
D2
D2
D1
D1
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Q2
Q1
Units
VDSS
Drain-Source Voltage
30
30
V
VGSS
Gate-Source Voltage
±20
±20
V
ID
Drain Current - Continuous
(Note 1a)
8.5
5.5
A
- Pulsed
30
20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6984S
FDS6984S
13”
12mm
2500 units


Similar Part No. - FDS6984S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984S FAIRCHILD-FDS6984S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
More results

Similar Description - FDS6984S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com