Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG409BRU Datasheet(PDF) 8 Page - Analog Devices

Part # ADG409BRU
Description  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG409BRU Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG409BRU Datasheet HTML 4Page - Analog Devices ADG409BRU Datasheet HTML 5Page - Analog Devices ADG409BRU Datasheet HTML 6Page - Analog Devices ADG409BRU Datasheet HTML 7Page - Analog Devices ADG409BRU Datasheet HTML 8Page - Analog Devices ADG409BRU Datasheet HTML 9Page - Analog Devices ADG409BRU Datasheet HTML 10Page - Analog Devices ADG409BRU Datasheet HTML 11Page - Analog Devices ADG409BRU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG408/ADG409
Rev. C | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
120
20
80
40
100
60
VD [VS](V)
TA =25°C
VDD =+5V
VSS =–5V
VDD = +12V
VSS = –12V
VDD = +15V
VSS =–15V
VDD =+10V
VSS = –10V
–15
–10
–5
0
5
10
15
Figure 4. RON as a Function of VD (VS): Dual-Supply Voltage
100
30
80
70
50
40
60
90
VDD =+15V
VSS = –15V
125°C
85°C
25°C
VD [VS](V)
–15
–10
–5
0
5
10
15
Figure 5. RON as a Function of VD (VS) for Different Temperatures
0.2
–0.2
0
–0.1
0.1
ID (OFF)
IS (OFF)
ID (ON)
VD [VS](V)
–15
–10
–5
0
5
10
15
TA = 25°C
VDD =+15V
VSS = –15V
Figure 6. Leakage Currents as a Function of VD (VS)
180
40
140
120
80
60
160
100
VD [VS](V)
TA =25°C
VDD =5V
VSS =0V
VDD =12V
VSS =0V
VDD =15V
VSS =0V
VDD =10V
VSS =0V
03
69
12
15
Figure 7. RON as a Function of VD (VS): Single-Supply Voltage
130
60
100
80
70
90
120
110
VD [VS](V)
VDD =12V
VSS =0V
125°C
85°C
25°C
02
468
10
12
Figure 8. RON as a Function of VD (VS) for Different Temperature
0.04
–0.06
0
–0.04
0.02
–0.02
VD [VS](V)
TA = 25°C
VDD =12V
VSS =0V
IS (OFF)
ID (OFF)
ID (ON)
024
68
10
12
Figure 9. Leakage Currents as a Function of VD (VS)


Similar Part No. - ADG409BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG409BRUZ AD-ADG409BRUZ Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG409BRUZ-REEL7 AD-ADG409BRUZ-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Similar Description - ADG409BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com