Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S22 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6S22
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S22 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6S22 Datasheet HTML 1Page - Microchip Technology MCP6S22 Datasheet HTML 2Page - Microchip Technology MCP6S22 Datasheet HTML 3Page - Microchip Technology MCP6S22 Datasheet HTML 4Page - Microchip Technology MCP6S22 Datasheet HTML 5Page - Microchip Technology MCP6S22 Datasheet HTML 6Page - Microchip Technology MCP6S22 Datasheet HTML 7Page - Microchip Technology MCP6S22 Datasheet HTML 8Page - Microchip Technology MCP6S22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 5
MCP6S21/2/6/8
TEMPERATURE CHARACTERISTICS
FIGURE 1-1:
Channel Select Timing
Diagram.
FIGURE 1-2:
PGA Shutdown timing
diagram (must enter correct commands before
CS goes high).
FIGURE 1-3:
Gain Select Timing
Diagram.
FIGURE 1-4:
POR power-up and power-
down timing diagram.
Electrical Specifications: Unless otherwise indicated, VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-PDIP
JA
—85
°C/W
Thermal Resistance, 8L-SOIC
JA
—163
°C/W
Thermal Resistance, 8L-MSOP
JA
—206
°C/W
Thermal Resistance, 14L-PDIP
JA
—70
°C/W
Thermal Resistance, 14L-SOIC
JA
—120
°C/W
Thermal Resistance, 14L-TSSOP
JA
—100
°C/W
Thermal Resistance, 16L-PDIP
JA
—70
°C/W
Thermal Resistance, 16L-SOIC
JA
—90
°C/W
Note 1: The MCP6S21/2/6/8 family of PGAs operates over this extended temperature range, but with reduced
performance. Operation in this range must not cause T
J to exceed the Maximum Junction Temperature
(150°C).
CS
VOUT
tCH
0.6V
0.3V
CS
tOFF
VOUT
tON
Hi-Z
Hi-Z
ISS
500 nA (typ)
1.0 mA (typ)
0.3V
CS
VOUT
tG
1.5V
0.3V
VDD
tRPD
VOUT
tRPU
Hi-Z
Hi-Z
VPOR - 0.1V
VPOR - 0.1V
VPOR + 0.1V
0.3V
ISS
500 nA (typ)
1.0 mA (typ)


Similar Part No. - MCP6S22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S22 MICROCHIP-MCP6S22 Datasheet
880Kb / 43P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
More results

Similar Description - MCP6S22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S26-ISL MICROCHIP-MCP6S26-ISL Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S93-E MICROCHIP-MCP6S93-E Datasheet
526Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
MCP6S28-ISL MICROCHIP-MCP6S28-ISL Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S91 MICROCHIP-MCP6S91 Datasheet
528Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S21 MICROCHIP-MCP6S21 Datasheet
880Kb / 43P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com