Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1253 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1253
Description  Low Noise, Positive-Regulated Charge Pump
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1253 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1253 Datasheet HTML 1Page - Microchip Technology MCP1253 Datasheet HTML 2Page - Microchip Technology MCP1253 Datasheet HTML 3Page - Microchip Technology MCP1253 Datasheet HTML 4Page - Microchip Technology MCP1253 Datasheet HTML 5Page - Microchip Technology MCP1253 Datasheet HTML 6Page - Microchip Technology MCP1253 Datasheet HTML 7Page - Microchip Technology MCP1253 Datasheet HTML 8Page - Microchip Technology MCP1253 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 3
MCP1252/3
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Power Supply Voltage, VIN...............................................6.0V
Voltage on Any Pin w.r.t. GND ............... -0.3V to (VIN + 0.3V)
Output Short Circuit Duration ................................continuous
Storage Temperature Range .........................-65°C to +150°C
Ambient Temperature with Power Applied ....-55°C to +125°C
Junction Temperature ................................................. +150°C
ESD Ratings:
Human Body Model (1.5 k
 in Series with 100 pF 4kV
Machine Body Model (200 pF, No Series Resistance
400V
†Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
ELECTRICAL CHARACTERISTICS
Name
Function
PGOOD
Open-Drain Power GOOD Output
VOUT
Regulated Output Voltage
VIN
Power Supply Input
GND
Ground Terminal
C-
Flying Capacitor Negative Terminal
C+
Flying Capacitor Positive Terminal
SHDN
Shutdown Mode, Active-Low Input
SELECT
Output Voltage Select Pin.
(MCP1252-33X50, MCP1253-33X50)
FB
Feedback Input Pin for Adjustable Output
(MCP1252-ADJ, MCP1253-ADJ)
Electrical Specifications: Unless otherwise specified, all limits are specified for TA = -40°C to +85°C, SHDN = VIN,
CIN = COUT = 10 µF, CFLY = 1 µF, IOUT = 10 mA. Typical values are for TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Selectable Output - MCP1252-33X50, MCP1253-33X50: SELECT = VIN, VOUT = 3.3V
Supply Voltage
VIN
2.1
5.5
V
Output Voltage Accuracy
VOUT
-2.5
+/-0.5
+2.5
%
2.3V
 V
IN < 2.5V, IOUT 80 mA
2.5V
V
IN 5.5V, IOUT120 mA
Output Current
IOUT
80
120
100
150
—mA
mA
2.3V
 V
IN < 2.5V
2.5V
 V
IN  5.5V
SELECT Logic Input Voltage High
VIH
1.4
V
MCP1252-33X50, MCP1253-33X50
Selectable Output - MCP1252-33X50, MCP1253-33X50: SELECT = GND, VOUT = 5.0V
Supply Voltage
VIN
2.7
5.5
V
Output Voltage Accuracy
VOUT
-2.5
+/-0.5
+2.5
%
2.7V
V
IN < 3.0V, IOUT 40 mA
3.0V
V
IN5.5V, IOUT120 mA
Output Current
IOUT
40
120
80
150
—mA
mA
2.7V
 V
IN < 3.0V
3.0V
 V
IN  5.5V
SELECT Logic Input Voltage Low
VIL
0.4
V
MCP1252-33X50, MCP1253-33X50
Adjustable Output - MCP1252-ADJ, MCP1253-ADJ
Supply Voltage
VIN
2.0
5.5
V
Output Voltage Adjustment Range
VOUT
1.5
5.5
V
VOUT(MAX) < 2 x VIN
FB Regulation Voltage
VFB
1.18
1.21
1.24
V
MCP1252-ADJ, MCP1253-ADJ
ALL DEVICES
Supply Current
IDD
60
120
µA
No load
Output Short-Circuit Current
ISC
200
mA
VOUT = GND, foldback current
Shutdown Current
ISHDN
0.1
2.0
µA
SHDN = 0V
Power Efficiency
—81
68
—%
%
VIN = 3.0V, VOUT = 5V
VIN = 3.6V, VOUT = 5V
IOUT =120 mA
SHDN Logic Input Voltage Low
VIL
——
0.4
V
SHDN Logic Input Voltage High
VIH
1.4
V
PGOOD Threshold Voltage
VTH
0.93VOUT
—V
PGOOD Hysteresis
VHYS
0.04VOUT
—V


Similar Part No. - MCP1253

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1253-33X50I/MS MICROCHIP-MCP1253-33X50I/MS Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1253-ADJE/MS MICROCHIP-MCP1253-ADJE/MS Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253-ADJI/MS MICROCHIP-MCP1253-ADJI/MS Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1253-ADJI/MS MICROCHIP-MCP1253-ADJI/MS Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
More results

Similar Description - MCP1253

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Unisonic Technologies
L5201 UTC-L5201 Datasheet
169Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com