Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71ADF36-02-2-AJN Datasheet(PDF) 7 Page - Grayhill, Inc

Part # 71ADF36-02-2-AJN
Description  Multi-Deck Rotary Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

71ADF36-02-2-AJN Datasheet(HTML) 7 Page - Grayhill, Inc

Back Button 71ADF36-02-2-AJN Datasheet HTML 3Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 4Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 5Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 6Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 7Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 8Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 9Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 10Page - Grayhill, Inc 71ADF36-02-2-AJN Datasheet HTML 11Page - Grayhill, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Multi-Deck Rotary Switches
SERIES 71
0.5 to 0.75" Diameter, 1/4 Amp,
Concentric Shaft
FEATURES
• Two Switches in the Panel Space
of a Single Shaft Rotary
CIRCUIT DIAGRAMS: Solder Lug Terminals
DIMENSIONS In inches (and millimeters)
Solder Lug Terminals: Style C
Rear Views
30° and 36° Angle of Throw may be
interposed on either shaft diameter.
Terminal Detail
30° Angle of Throw
Switch is Viewed From Shaft End and Shown in Position No. 1.
Note: All common terminals are located above base terminals as shown.
30° Angle
of Throw
ONE POLE
TWO POLE
THREE POLE
FOUR POLE
FIVE OR SIX POLE
36° Angle
of Throw
ONE POLE
TWO POLE
Approx.
Weight
Sec. A
Sec. B
Dimension A
Dimension B
Grams
1
1
1.415 (35,94)
.032 (0,81)
24
2
1
1.633 (41,49)
.032 (0,81)
26
3
1
2.131 (54,13)
.312 (7,92)
28
1
2
1.633 (41,49)
.032 (0,81)
26
2
2
2.131 (54,13)
.312 (7,92)
28
3
2
2.349 (59,66)
.312 (7,92)
30
1
3
2.131 (54,13)
.312 (7,92)
28
2
3
2.349 (59,66)
.312 (7,92)
30
3
3
2.567 (65,20)
.312 (7,92)
32
Angle C is 15° in 12 position switches and 36 ° in 10 position switches.
No. of Decks
Note: Common location for a single pole per
deck switch. For common location on
multipole switches see circuit diagrams.
36° Angle of Throw
Grayhill part number and date code marked on detent cover label. Customer part number marked on request.
C
SEE
CHART
OF POSITION NO. 1
OF BUSHING KEYWAY
C
L
C
L
.687 ± .015
(17,45 ± 0,38)
DIA.
C
L
.094 ± .010
(2,39 ± 0,25)
.219 ± .004
(5,56 ± 0,10)
.562
± .015
(14,27
± 0,38)
DIM. A ± .046 (1,17)
DIM. B REF.
STUD PROJECTION
3/8-32UNEF-2A
THREAD
.125 + .001
–.002 DIA.
(3,18 + 0,25
–0,05)
.312 ± .020
(7,92 ± 0,51)
SECTION
A
SECTION
B
CONTROLLED
BY .250 (6,35)
DIA. SHAFT
CONTROLLED
BY .125 (3,18)
DIA. SHAFT
.250 + .001
–.002
(6,35 + 0,03
–0,05)
DIA.
.250 ± .020
(6,35 ± 0,05)
.375 ± .020
(9,53 ± 0,05)
BUSHING KEYWAY
.066 ± .002 (1,68 ± 0,05) WIDE BY
.036 ± .003 (0,91 ± 0,08) DEEP
FROM A .375 (9,53) DIA.
9
10
.500 ± .015
(12,7 ± 0,38)
DIA.
.750 ± .020
(19,05 ± 0,51)
OVER TERMINALS
SEE NOTE
SEE
DETAIL
7
8
.500 ± .015
(12,7 ± 0,38)
DIA.
.750 ± .020
(19,05 ± 0,51)
OVER TERMINALS
SEE NOTE
SEE
DETAIL
.034 ± .003
(0,86 ± 0,08)
.068 ± .005
(1,73 ± 0,13)
C1
10
11
12
1
2
3
4
5
6
7
8
9
C
L
OF
BUSHING
KEYWAY
C
L
C1
C2
10
11
12
1
2
3
4
5
6
7
8
9
C1
C2
C3
10
11
12
1
2
3
4
5
6
7
8
9
C
L
C4
C1
C2
C3
10 11
12
1
2
3
4
5
6
7
8
9
C
L
C1
C2
C3
C4
C5
C6
10
11
12
1
2
3
4
5
6
7
8
9
C
L
4
3
2
1
10
9
8
5
6
7
C1
C2
C
L
4
32
1
10
9
8
5
6
7
C1
C
L
OF
BUSHING
KEYWAY
ADD-A-POT SWITCHES
Contact Grayhill for Series 71 Concentric Add-A-Pot or Add-A-Switch type switches.
Rotary
8


Similar Part No. - 71ADF36-02-2-AJN

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71AD36-3118 GRAYHILL-71AD36-3118 Datasheet
74Kb / 1P
   25,000 Cycles at 125 mA
More results

Similar Description - 71ADF36-02-2-AJN

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71C2054 GRAYHILL-71C2054 Datasheet
49Kb / 1P
   Multi-Deck Rotary Switches
57HS22-05-1-16N-C GRAYHILL-57HS22-05-1-16N-C Datasheet
152Kb / 4P
   Multi-Deck Rotary Switches
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BDF30-02PAJN GRAYHILL-71BDF30-02PAJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
   Single Deck Rotary Switches
56SDP30-01-2-AJS GRAYHILL-56SDP30-01-2-AJS Datasheet
72Kb / 4P
   Single Deck Rotary Switches
77-SERIES GRAYHILL-77-SERIES Datasheet
1Mb / 5P
   Single Deck Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com