Electronic Components Datasheet Search |
|
SPAKMC332ACFV16 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
SPAKMC332ACFV16 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 88 page MC68332 MOTOROLA MC68332TS/D 11 NOTES: 1. DATA[15:0] are synchronized during reset only. MODCLK is synchronized only when used as an input port pin. 2. EXTAL, XFC, and XTAL are clock reference connections. 2.2 MCU Power Connections 2.3 MCU Driver Types T2CLK — Y Y — — TPUCH[15:0] A Y Y — — TSC — Y Y — — TXD Bo Y Y I/O PQS7 XFC2 — — — Special — XTAL2 — — — Special — Table 3 MCU Power Connections VSTBY Standby RAM Power/Clock Synthesizer Power VDDSYN Clock Synthesizer Power VSSE/VDDE External Periphery Power (Source and Drain) VSSI/VDDI Internal Module Power (Source and Drain) Table 4 MCU Driver Types Type I/O Description A O Output-only signals that are always driven; no external pull-up required Aw O Type A output with weak P-channel pull-up during reset B O Three-state output that includes circuitry to pull up output before high impedance is established, to ensure rapid rise time. An external holding resistor is required to maintain logic level while the pin is in the high-impedance state. Bo O Type B output that can be operated in an open-drain mode Table 2 MCU Pin Characteristic (Continued) Pin Mnemonic Output Driver Input Synchronized Input Hysteresis Discrete I/O Port Designation Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Similar Part No. - SPAKMC332ACFV16 |
|
Similar Description - SPAKMC332ACFV16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |