Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9943 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9943
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943 Datasheet(HTML) 5 Page - Analog Devices

  AD9943 Datasheet HTML 1Page - Analog Devices AD9943 Datasheet HTML 2Page - Analog Devices AD9943 Datasheet HTML 3Page - Analog Devices AD9943 Datasheet HTML 4Page - Analog Devices AD9943 Datasheet HTML 5Page - Analog Devices AD9943 Datasheet HTML 6Page - Analog Devices AD9943 Datasheet HTML 7Page - Analog Devices AD9943 Datasheet HTML 8Page - Analog Devices AD9943 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9943/AD9944
Rev. B | Page 5 of 20
AD9944 SYSTEM SPECIFICATIONS
TMIN to TMAX, AVDD = DVDD = DRVDD = 3 V, fSAMP = 25 MHz, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Conditions
CDS
Maximum Input Range before Saturation1
1.0
V p-p
Allowable CCD Reset Transient
1
500
mV
See input waveform in footnote.
Maximum CCD Black Pixel Amplitude
1
100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Minimum Gain
5.3
dB
See Figure 13 for VGA gain curve.
Maximum Gain
40
41.5
dB
See Variable Gain Amplifier section for VGA
gain equation.
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC output.
Minimum Clamp Level
0
LSB
Maximum Clamp Level
255
LSB
A/D CONVERTER
Resolution
12
Bits
Differential Nonlinearity (DNL)
±0.4
LSB
No Missing Codes
Guaranteed
Data Output Coding
Straight binary
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Specifications include entire signal chain.
Gain Range
Low Gain (VGA Code = 0)
5.3
dB
Maximum Gain (VGA Code = 1023)
40
41.5
dB
Gain Accuracy
±1
dB
Peak Nonlinearity 500 mV Input Signal
0.1
%
12 dB gain applied.
Total Output Noise
0.9
LSB rms
AC grounded input, 6 dB gain applied.
Power Supply Rejection (PSR)
50
dB
Measured with step change on supply.
1 Input signal characteristics defined as follows:
100mV TYP
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V TYP
INPUT SIGNAL RANGE


Similar Part No. - AD9943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9943KCPZ AD-AD9943KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943KCPZRL AD-AD9943KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Similar Description - AD9943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com