Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9943 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9943
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9943 Datasheet HTML 3Page - Analog Devices AD9943 Datasheet HTML 4Page - Analog Devices AD9943 Datasheet HTML 5Page - Analog Devices AD9943 Datasheet HTML 6Page - Analog Devices AD9943 Datasheet HTML 7Page - Analog Devices AD9943 Datasheet HTML 8Page - Analog Devices AD9943 Datasheet HTML 9Page - Analog Devices AD9943 Datasheet HTML 10Page - Analog Devices AD9943 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9943/AD9944
Rev. B | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter (With Respect To)
Min
Max
Unit
AVDD (AVSS)
−0.3
+3.9
V
DVDD (DVSS)
−0.3
+3.9
V
DRVDD (DRVSS)
−0.3
+3.9
V
Digital Outputs (DRVSS)
−0.3
DRVDD + 0.3
V
SHP, SHD, DATACLK (DVSS)
−0.3
DVDD + 0.3
V
CLPOB, PBLK (DVSS)
−0.3
DVDD + 0.3
V
SCK, SL, SDATA DVSS (AVSS)
−0.3
DVDD + 0.3
V
REFT, REFB, CCDIN
−0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
The thermal resistance of a 32-Lead LFCSP package
(with the exposed bottom pad soldered to the board GND)
is θJA = 27.7°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9943KCPZ AD-AD9943KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943KCPZRL AD-AD9943KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Similar Description - AD9943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com