Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13640 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 13640
Description  Normal Wall Flame Retardant Heat Shrink Tubing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

13640 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  13640 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13640 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13640 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13640 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13640 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Normal Wall Flame Retardant
Heat Shrink Tubing
Page <2>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Size (Inch)
Inside Diameter
Recovered Wall Thickness
As Supplied
Maximum After Recovery
3/64
1 ±0.2
0.5
0.22 ±0.1
1/16
1.5 ±0.3
0.65
0.28 ±0.1
3/32
2.5 ±0.3
1
0.35 ±0.1
1/8
3.5 ±0.4
1.5
0.4 ±0.1
3/16
5 ±0.4
2.3
0.5 ±0.1
1/4
6.5 ±0.4
3
0.55 ±0.1
3/8
9.5 ±0.5
4.5
0.6 ±0.1
1/2
12.5 ±0.5
6
3/4
19 ±0.7
9
0.8 ±0.15
1
26 ±0.7
12.5
0.9 ±0.15
1-1/4
29 ±0.7
14
1-1/2
41.5 ±0.7
20
1 ±0.15
2
51 ±0.7
25
3
≥80
41
1.46 ±0.2
4
≥100
51
Specification Table
Part Number Table
Description
Part Number
Heat Shrink Tubing 2:1 Black 1.6 mm 100 M
13633
Heat Shrink Tubing 2:1 Black 2.4 mm 100 M
13634
Heat Shrink Tubing 2:1 Black 3.2 mm 100 M
13635
Heat Shrink Tubing 2:1 Black 4.8 mm 100 M
13636
Heat Shrink Tubing 2:1 Black 6.4 mm 100 M
13637
Heat Shrink Tubing 2:1 Black 9.5 mm 100 M
13638
Heat Shrink Tubing 2:1 Black 12.7 mm 100 M
13639
Heat Shrink Tubing 2:1 Black 19 mm 100 M
13640
Heat Shrink Tubing 2:1 Black 25.4 mm 50 M
13641
Heat Shrink Tubing 2:1 Black 38.1 mm 50 M
13642
Heat Shrink Tubing 2:1 Black 50.8 mm 25M
13643
Heat Shrink Tubing 2:1 Black 1.6 mm 5 M
13644
Heat Shrink Tubing 2:1 Black 2.4 mm 5 M
13645
Heat Shrink Tubing 2:1 Black 3.2 mm 5 M
13646
Heat Shrink Tubing 2:1 Black 4.8 mm 5 M
13647
Description
Part Number
Heat Shrink Tubing 2:1 Black 6.4 mm 5 M
13648
Heat Shrink Tubing 2:1 Black 9.5 mm 5 M
13649
Heat Shrink Tubing 2:1 Black 12.7 mm 5 M
13650
Heat Shrink Tubing 2:1 Black 19 mm 5 M
13651
Heat Shrink Tubing 2:1 Black 25.4 mm 5 M
13652
Heat Shrink Tubing 2:1 Black 38.1 mm 5 M
13653
Heat Shrink Tubing 2:1 Black 50.8 mm 5 M
13654
Heat Shrink Tubing 2:1 Clear 1.6 mm 100 M
13655
Heat Shrink Tubing 2:1 Clear 2.4 mm 100 M
13656
Heat Shrink Tubing 2:1 Clear 3.2 mm 100 M
13657
Heat Shrink Tubing 2:1 Clear 4.8 mm 100 M
13658
Heat Shrink Tubing 2:1 Clear 6.4 mm 100 M
13659
Heat Shrink Tubing 2:1 Clear 9.5 mm 100 M
13660
Heat Shrink Tubing 2:1 Clear 12.7 mm 100 M
13661
Heat Shrink Tubing 2:1 Clear 19 mm 100 M
13662
Dimensions : Millimetres


Similar Part No. - 13640

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1364 SONY-1364 Datasheet
337Kb / 1P
   Silicon NPN APM Transistor
logo
Heyco.
1364 HEYCO-1364 Datasheet
93Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
1364-2 ETC2-1364-2 Datasheet
485Kb / 1P
   MICRO PINS
logo
PHOENIX CONTACT
1364621 PHOENIX-1364621 Datasheet
424Kb / 8P
   Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
Nov 16, 2022
1364622 PHOENIX-1364622 Datasheet
349Kb / 7P
   Network cable - SPE-T1-M12MS/ 2,0-99B/M12MS
Jan 11, 2023
More results

Similar Description - 13640

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
logo
Tyco Electronics
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com