Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG32.01 Datasheet(PDF) 3 Page - Littelfuse

Part # CG32.01
Description  AC and CG3 Series Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG32.01 Datasheet(HTML) 3 Page - Littelfuse

  CG32.01 Datasheet HTML 1Page - Littelfuse CG32.01 Datasheet HTML 2Page - Littelfuse CG32.01 Datasheet HTML 3Page - Littelfuse CG32.01 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2008 Littelfuse, Inc.
Revised: August 11, 2009
Gas Plasma Arrester (GDT) Products
AC and CG3 Series
Specifications are subject to change without notice.
Refer to www.littelfuse.com/series/AC.html or /CG3.html for current information.
AC and CG3 Series
Reflow Condition
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
100
° C
150
° C
60-180 seconds
Solder PotTemperature:
280
°
Solder DwellTime:
2-5 seconds
Recommended Process Parameters:


Similar Part No. - CG32.01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG32.0 LITTELFUSE-CG32.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.0 LITTELFUSE-CG32.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.0L LITTELFUSE-CG32.0L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.0L LITTELFUSE-CG32.0L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.0LTR LITTELFUSE-CG32.0LTR Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
More results

Similar Description - CG32.01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AC240L LITTELFUSE-AC240L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0L LITTELFUSE-CG35.0L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG33.0 LITTELFUSE-CG33.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.5L LITTELFUSE-CG32.5L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
HY ELECTRONIC CORP.
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com