Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-N Datasheet(PDF) 4 Page - Texas Instruments

Part # LM1117-N
Description  800mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117-N Datasheet(HTML) 4 Page - Texas Instruments

  LM1117-N_13 Datasheet HTML 1Page - Texas Instruments LM1117-N_13 Datasheet HTML 2Page - Texas Instruments LM1117-N_13 Datasheet HTML 3Page - Texas Instruments LM1117-N_13 Datasheet HTML 4Page - Texas Instruments LM1117-N_13 Datasheet HTML 5Page - Texas Instruments LM1117-N_13 Datasheet HTML 6Page - Texas Instruments LM1117-N_13 Datasheet HTML 7Page - Texas Instruments LM1117-N_13 Datasheet HTML 8Page - Texas Instruments LM1117-N_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM1117-N
SNOS412L – MAY 2004 – REVISED JULY 2012
www.ti.com
LM1117 ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation, 0°C to 125°C.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VREF
Reference Voltage
LM1117-ADJ
IOUT = 10mA, VIN-VOUT = 2V, TJ = 25°C
1.238
1.250
1.262
V
10mA
≤ IOUT ≤ 800mA, 1.4V ≤ VIN-VOUT
1.225
1.250
1.270
V
10V
VOUT
Output Voltage
LM1117-1.8
IOUT = 10mA, VIN = 3.8V, TJ = 25°C
1.782
1.800
1.818
V
0
≤ IOUT ≤ 800mA, 3.2V ≤ VIN ≤ 10V
1.746
1.800
1.854
V
LM1117-2.5
IOUT = 10mA, VIN = 4.5V, TJ = 25°C
2.475
2.500
2.525
V
0
≤ IOUT ≤ 800mA, 3.9V ≤ VIN ≤ 10V
2.450
2.500
2.550
V
LM1117-2.85
IOUT = 10mA, VIN = 4.85V, TJ = 25°C
2.820
2.850
2.880
V
0
≤ IOUT ≤ 800mA, 4.25V ≤ VIN ≤ 10V
2.790
2.850
2.910
V
0
≤ IOUT ≤ 500mA, VIN = 4.10V
2.790
2.850
2.910
V
LM1117-3.3
IOUT = 10mA, VIN = 5V TJ = 25°C
3.267
3.300
3.333
V
0
≤ IOUT ≤ 800mA, 4.75V≤ VIN ≤ 10V
3.235
3.300
3.365
V
LM1117-5.0
IOUT = 10mA, VIN = 7V, TJ = 25°C
4.950
5.000
5.050
V
0
≤ IOUT ≤ 800mA, 6.5V ≤ VIN ≤ 12V
4.900
5.000
5.100
V
ΔVOUT
Line Regulation(3)
LM1117-ADJ
IOUT = 10mA, 1.5V ≤ VIN-VOUT ≤ 13.75V
0.035
0.2
%
LM1117-1.8
1
6
mV
IOUT = 0mA, 3.2V ≤ VIN ≤ 10V
LM1117-2.5
1
6
mV
IOUT = 0mA, 3.9V ≤ VIN ≤ 10V
LM1117-2.85
IOUT = 0mA, 4.25V ≤ VIN ≤ 10V
1
6
mV
LM1117-3.3
IOUT = 0mA, 4.75V ≤ VIN ≤ 15V
1
6
mV
LM1117-5.0
IOUT = 0mA, 6.5V ≤ VIN ≤ 15V
1
10
mV
ΔVOUT
Load Regulation(3)
LM1117-ADJ
VIN-VOUT = 3V, 10 ≤ IOUT ≤ 800mA
0.2
0.4
%
LM1117-1.8
1
10
mV
VIN = 3.2V, 0 ≤ IOUT ≤ 800mA
LM1117-2.5
1
10
mV
VIN = 3.9V, 0 ≤ IOUT ≤ 800mA
LM1117-2.85
VIN = 4.25V, 0 ≤ IOUT ≤ 800mA
1
10
mV
LM1117-3.3
VIN = 4.75V, 0 ≤ IOUT ≤ 800mA
1
10
mV
LM1117-5.0
VIN = 6.5V, 0 ≤ IOUT ≤ 800mA
1
15
mV
VIN-V OUT
Dropout Voltage(4)
IOUT = 100mA
1.10
1.20
V
IOUT = 500mA
1.15
1.25
V
IOUT = 800mA
1.20
1.30
V
ILIMIT
Current Limit
VIN-VOUT = 5V, TJ = 25°C
800
1200
1500
mA
Minimum Load
LM1117-ADJ
Current(5)
VIN = 15V
1.7
5
mA
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Load and line regulation are measured at constant junction room temperature.
(4)
The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is
measured when the output voltage has dropped 100mV from the nominal value obtained at VIN = VOUT +1.5V.
(5)
The minimum output current required to maintain regulation.
4
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM1117-N


Similar Part No. - LM1117-N_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117-N TI-LM1117-N_15 Datasheet
2Mb / 33P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117-N_13

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com