Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13646 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 13646
Description  Normal Wall Flame Retardant Heat Shrink Tubing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

13646 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  13646 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13646 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13646 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13646 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13646 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Normal Wall Flame Retardant
Heat Shrink Tubing
Page <5>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Heat Shrink Tubing 2:1 Green / Yellow 4.8 mm 5 m
15092
Heat Shrink Tubing 2:1 Green / Yellow 6.4 mm 5 m
15093
Heat Shrink Tubing 2:1 Green / Yellow 9.5 mm 5 m
15094
Heat Shrink Tubing 2:1 Green / Yellow 12.7 mm 5 m
15095
Heat Shrink Tubing 2:1 Green / Yellow 19 mm 5 m
15096
Heat Shrink Tubing 2:1 Green / Yellow 38.1 mm 5 m
15098
Heat Shrink Tubing 2:1 Green / Yellow 50.8 mm 5 m
15099
Heat Shrink Tubing 2:1 Brown 1.6 mm 100 m
13721
Heat Shrink Tubing 2:1 Brown 2.4 mm 100 m
13722
Heat Shrink Tubing 2:1 Brown 3.2 mm 100 m
13723
Heat Shrink Tubing 2:1 Brown 6.4 mm 100 m
13725
Heat Shrink Tubing 2:1 Brown 25.4 mm 50 m
13729
Heat Shrink Tubing 2:1 Brown 38.1 mm 50 m
13730
Heat Shrink Tubing 2:1 Brown 50.8 mm 25 m
13731
Heat Shrink Tubing 2:1 Brown 1.6 mm 5 m
15100
Heat Shrink Tubing 2:1 Brown 2.4 mm 5 m
15101
Heat Shrink Tubing 2:1 Brown 3.2 mm 5 m
15102
Heat Shrink Tubing 2:1 Brown 4.8 mm 5 m
15103
Heat Shrink Tubing 2:1 Brown 6.4 mm 5 m
15104
Heat Shrink Tubing 2:1 Brown 9.5 mm 5 m
15105
Heat Shrink Tubing 2:1 Brown 12.7 mm 5 m
15106
Heat Shrink Tubing 2:1 Brown 19 mm 5 m
15107
Heat Shrink Tubing 2:1 Brown 25.4 mm 5 m
15108
Heat Shrink Tubing 2:1 Brown 38.1 mm 5 m
15109
Heat Shrink Tubing 2:1 Brown 50.8 mm 5 m
15110


Similar Part No. - 13646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1364621 PHOENIX-1364621 Datasheet
424Kb / 8P
   Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
Nov 16, 2022
1364622 PHOENIX-1364622 Datasheet
349Kb / 7P
   Network cable - SPE-T1-M12MS/ 2,0-99B/M12MS
Jan 11, 2023
1364623 PHOENIX-1364623 Datasheet
352Kb / 7P
   Network cable - SPE-T1-M12FS/ 2,0-99B/M12FS
Nov 16, 2022
1364626 PHOENIX-1364626 Datasheet
421Kb / 8P
   Network cable - SPE-T1-M12MS/ 2,0-97B/M12FS
Nov 16, 2022
1364629 PHOENIX-1364629 Datasheet
349Kb / 7P
   Network cable - SPE-T1-M12MS/ 2,0-97B/M12MS
Nov 16, 2022
More results

Similar Description - 13646

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
logo
Tyco Electronics
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com