Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSB30120CTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTSB30120CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSB30120CTG Datasheet(HTML) 4 Page - ON Semiconductor

  NTSB30120CTG Datasheet HTML 1Page - ON Semiconductor NTSB30120CTG Datasheet HTML 2Page - ON Semiconductor NTSB30120CTG Datasheet HTML 3Page - ON Semiconductor NTSB30120CTG Datasheet HTML 4Page - ON Semiconductor NTSB30120CTG Datasheet HTML 5Page - ON Semiconductor NTSB30120CTG Datasheet HTML 6Page - ON Semiconductor NTSB30120CTG Datasheet HTML 7Page - ON Semiconductor NTSB30120CTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTST30120CT, NTSJ30120CTG, NTSB30120CT−1G, NTSB30120CTG,
NTSB30120CTT4G
http://onsemi.com
4
TYPICAL CHARACTERISITICS
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10%
5%
2%
20%
1%
50% Duty Cycle
Single Pulse
t, Pulse Time (sec)
Figure 7. Typical Transient Thermal Response for NTST30120CT and NTSB30120CT−1G
10%
5%
2%
20%
1%
50% Duty Cycle
Single Pulse
t, Pulse Time (sec)
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 8. Typical Transient Thermal Response for NTSJ30120CTG
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10%
5%
2%
20%
1%
50% Duty Cycle
Single Pulse
t, Pulse Time (sec)
Figure 9. Typical Transient Thermal Response for NTSB30120CTG


Similar Part No. - NTSB30120CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSB30120CTG ONSEMI-NTSB30120CTG Datasheet
133Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 4
NTSB30120CTG ONSEMI-NTSB30120CTG Datasheet
140Kb / 9P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2015 ??Rev. 5
NTSB30120CTG ONSEMI-NTSB30120CTG Datasheet
90Kb / 9P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 6
More results

Similar Description - NTSB30120CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com