Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8928A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS8928A
Description  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8928A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS8928A Datasheet HTML 1Page - Fairchild Semiconductor FDS8928A Datasheet HTML 2Page - Fairchild Semiconductor FDS8928A Datasheet HTML 3Page - Fairchild Semiconductor FDS8928A Datasheet HTML 4Page - Fairchild Semiconductor FDS8928A Datasheet HTML 5Page - Fairchild Semiconductor FDS8928A Datasheet HTML 6Page - Fairchild Semiconductor FDS8928A Datasheet HTML 7Page - Fairchild Semiconductor FDS8928A Datasheet HTML 8Page - Fairchild Semiconductor FDS8928A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FDS8928A Rev. B
Typical Electrical Characteristics: N-Channel
(continued)
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
0
5
10
15
20
25
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = 5.5A
D
10V
15V
V
= 5V
DS
0.1
0.2
0.5
1
2
5
10
20 30
50
0.01
0.03
0.1
0.3
1
3
10
50
V
, DRAI N-SOURCE VOLTAGE (V)
DS
RDS(ON)
LIMIT
V
= 4.5V
SINGLE PULSE
R
=135 °C/W
T = 25°C
GS
A
θJA
DC
1s
10ms
100ms
10s
1ms
100us
0.1
0.4
1
2
5
10
30
30
80
200
500
1000
3000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
Crss
0.01
0.1
0.5
10
50 100
300
0
5
10
15
20
25
30
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=135 °C/W
T = 25°C
θJA
A


Similar Part No. - FDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
FDS8926A-NL VBSEMI-FDS8926A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
KDS8928A KEXIN-KDS8928A Datasheet
86Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com