Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN60730-1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # EN60730-1
Description  POWER RELAY 2 POLE - 5A - 1.5mm contact gap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

EN60730-1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  EN60730-1 Datasheet HTML 1Page - Fujitsu Component Limited. EN60730-1 Datasheet HTML 2Page - Fujitsu Component Limited. EN60730-1 Datasheet HTML 3Page - Fujitsu Component Limited. EN60730-1 Datasheet HTML 4Page - Fujitsu Component Limited. EN60730-1 Datasheet HTML 5Page - Fujitsu Component Limited. EN60730-1 Datasheet HTML 6Page - Fujitsu Component Limited. EN60730-1 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
Item
FTR-F4G
fluxfreetype
FTR-F4G-KW
plastic sealed type
Contact Data Configuration
2 form A
Material
Silver alloy
Resistance (initial)
Max.100mΩat1A,6VDC
Contact rating
5A, 250VAC (resistive)
Max. carrying current
5A
Max. switching current
5A
Max. switching voltage
400VAC
Max. switching power
1,250VA
Min. switching load (reference)
100 mA, 5VDC
Life
Mechanical
Min. 500 x 103 operations
Electrical (resistive)
5A, 250VAC
Min. 100 x 103 operations
5A, 250VAC
Min. 20 x 103 operations
250VAC, 250W
Min. 100 x 103 operations
110VAC, 250W
Min. 100 x 103 operations
Coil Data
Rated power (at 20 °C)
Approximately 0.8W
Operating temperature range
-40 °C to +70 °C (no frost)
Timing Data
Operate (at nominal voltage)
Max. 12ms (without bounce)
Release (at nominal voltage)
Max. 5ms (without bounce)
Insulation
Contact gap (initial)
Minimum 1.5mm
Resistance (initial)
Min.1,000MΩat500VDC
Dielectric strength
Open contacts
1,500VAC, 1min.
Contacts sets
3,000VAC, 1min.
Coil and contacts
5,000VAC, 1min.
Surge strength
Coil to contacts
10,000V / 1.2 x 50µs standard wave
Other
Vibration resistance
Misoperation
10 to 55Hz double amplitude 1.5 mm
Endurance
10 to 55Hz double amplitude 1.5 mm
Shock resistance
Misoperation
Min. 100m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 18 g
FTR-F4G SERIES


Similar Part No. - EN60730-1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
EN60747-5-2 BOARDCOM-EN60747-5-2 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
ON Semiconductor
EN6077C ONSEMI-EN6077C Datasheet
581Kb / 6P
   Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - EN60730-1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com