Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8934A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS8934A
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8934A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8934A Datasheet HTML 1Page - Fairchild Semiconductor FDS8934A Datasheet HTML 2Page - Fairchild Semiconductor FDS8934A Datasheet HTML 3Page - Fairchild Semiconductor FDS8934A Datasheet HTML 4Page - Fairchild Semiconductor FDS8934A Datasheet HTML 5Page - Fairchild Semiconductor FDS8934A Datasheet HTML 6Page - Fairchild Semiconductor FDS8934A Datasheet HTML 7Page - Fairchild Semiconductor FDS8934A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 1998
FDS8934A
Dual P-Channel Enhancement Mode Field Effect Transistor
General Description
Features
Absolute Maximum Ratings
T
A = 25
oC unless otherwise noted
Symbol
Parameter
FDS8934A
Units
V
DSS
Drain-Source Voltage
-20
V
V
GSS
Gate-Source Voltage
-8
V
I
D
Drain Current - Continuous
(Note 1a)
- 4
A
- Pulsed
-20
P
D
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
FDS8934A Rev.B
-4 A , -20 V, R
DS(ON) = 0.055 @ VGS = -4.5 V,
R
DS(ON) = 0.072 @ VGS = -2.5 V.
High density cell design for extremely low R
DS(ON).
High power and current handling capability in a widely
used surface mount package.
Dual MOSFET in surface mount package.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
SO-8 P-Channel enhancement mode power field effect
transistors are produced using Fairchild's proprietary, high
cell density, DMOS technology. This very high density
process is especially tailored to minimize on-state resistance
and provide superior switching performance. These devices
are particularly suited for low voltage applications such as
notebook computer power management
and other battery
powered circuits where fast switching, low in-line power loss,
and resistance to transients are needed.
S1
D1
S2
G1
SO-8
D2
D2
D1
G2
FDS
8934A
pin 1
1
5
7
8
2
3
4
6
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FDS8934A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8935 FAIRCHILD-FDS8935 Datasheet
225Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
FDS8936 FAIRCHILD-FDS8936 Datasheet
229Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936S FAIRCHILD-FDS8936S Datasheet
269Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - FDS8934A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com