Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN60950-1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # EN60950-1
Description  POWER RELAY 2 POLE - 5A - 1.5mm contact gap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

EN60950-1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  EN60950-1 Datasheet HTML 1Page - Fujitsu Component Limited. EN60950-1 Datasheet HTML 2Page - Fujitsu Component Limited. EN60950-1 Datasheet HTML 3Page - Fujitsu Component Limited. EN60950-1 Datasheet HTML 4Page - Fujitsu Component Limited. EN60950-1 Datasheet HTML 5Page - Fujitsu Component Limited. EN60950-1 Datasheet HTML 6Page - Fujitsu Component Limited. EN60950-1 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FTR-K1 SERIES
n
CHARACTERISTIC DATA
FTR-F4G SERIES
n
DIMENSIONS
l
Dimensions
l
PC board mounting
hole layout
(BOTTOM VIEW)
l
Schematics
(BOTTOM VIEW)
Unit: mm


Similar Part No. - EN60950-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
EN60950 OSRAM-EN60950 Datasheet
47Kb / 2P
   PLANON lamp diagonal/colour code combinable ECG type(s)
EN60950 OSRAM-EN60950 Datasheet
47Kb / 2P
   PLANON lamp diagonal/colour code combinable ECG type(s)
logo
API Technologies Corp
EN60950 APITECH-EN60950 Datasheet
287Kb / 1P
   Transformer
More results

Similar Description - EN60950-1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com