Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8934 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDS8934
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8934 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDS8934 Datasheet HTML 1Page - Fairchild Semiconductor FDS8934 Datasheet HTML 2Page - Fairchild Semiconductor FDS8934 Datasheet HTML 3Page - Fairchild Semiconductor FDS8934 Datasheet HTML 4Page - Fairchild Semiconductor FDS8934 Datasheet HTML 5Page - Fairchild Semiconductor FDS8934 Datasheet HTML 6Page - Fairchild Semiconductor FDS8934 Datasheet HTML 7Page - Fairchild Semiconductor FDS8934 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SOIC-8 (FS PKG Code S1)
1 : 1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.0774
SO-8 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A
9


Similar Part No. - FDS8934

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8935 FAIRCHILD-FDS8935 Datasheet
225Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
FDS8936 FAIRCHILD-FDS8936 Datasheet
229Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936S FAIRCHILD-FDS8936S Datasheet
269Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - FDS8934

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com