Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15047 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 15047
Description  Normal Wall Flame Retardant Heat Shrink Tubing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

15047 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  15047 Datasheet HTML 1Page - List of Unclassifed Manufacturers 15047 Datasheet HTML 2Page - List of Unclassifed Manufacturers 15047 Datasheet HTML 3Page - List of Unclassifed Manufacturers 15047 Datasheet HTML 4Page - List of Unclassifed Manufacturers 15047 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Normal Wall Flame Retardant
Heat Shrink Tubing
Page <4>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Description
Part Number
Heat Shrink Tubing 2:1 White 38.1 mm 5 m
15076
Heat Shrink Tubing 2:1 White 50.8 mm 5 m
15077
Heat Shrink Tubing 2:1 Blue 1.6 mm 100 m
13699
Heat Shrink Tubing 2:1 Blue 2.4 mm 100 m
13700
Heat Shrink Tubing 2:1 Blue 3.2 mm 100 m
13701
Heat Shrink Tubing 2:1 Blue 4.8 mm 100 m
13702
Heat Shrink Tubing 2:1 Blue 6.4 mm 100 m
13703
Heat Shrink Tubing 2:1 Blue 9.5 mm 100 m
13704
Heat Shrink Tubing 2:1 Blue 12.7 mm 100 m
13705
Heat Shrink Tubing 2:1 Blue 25.4 mm 50 m
13707
Heat Shrink Tubing 2:1 Blue 1.6 mm 5 m
15078
Heat Shrink Tubing 2:1 Blue 2.4 mm 5 m
15079
Heat Shrink Tubing 2:1 Blue 3.2 mm 5 m
15080
Heat Shrink Tubing 2:1 Blue 4.8 mm 5 m
15081
Heat Shrink Tubing 2:1 Blue 6.4 mm 5 m
15082
Heat Shrink Tubing 2:1 Blue 9.5 mm 5 m
15083
Heat Shrink Tubing 2:1 Blue 12.7 mm 5 m
15084
Heat Shrink Tubing 2:1 Blue 19 mm 5 m
15085
Heat Shrink Tubing 2:1 Blue 25.4 mm 5 m
15086
Heat Shrink Tubing 2:1 Blue 38.1 mm 5 m
15087
Heat Shrink Tubing 2:1 Blue 50.8 mm 5 m
15088
Heat Shrink Tubing 2:1 Green / Yellow 1.6 mm 100 m
13710
Heat Shrink Tubing 2:1 Green / Yellow 2.4 mm 100 m
13711
Heat Shrink Tubing 2:1 Green / Yellow 3.2 mm 100 m
13712
Heat Shrink Tubing 2:1 Green / Yellow 4.8 mm 100 m
13713
Heat Shrink Tubing 2:1 Green / Yellow 6.4 mm 100 m
13714
Heat Shrink Tubing 2:1 Green / Yellow 9.5 mm 100 m
13715
Heat Shrink Tubing 2:1 Green / Yellow 12.7 mm 100 m
13716
Heat Shrink Tubing 2:1 Green / Yellow 19 mm 100 m
13717
Heat Shrink Tubing 2:1 Green / Yellow 25.4 mm 50 m
13718
Heat Shrink Tubing 2:1 Green / Yellow 38.1 mm 50 m
13719
Heat Shrink Tubing 2:1 Green / Yellow 1.6 mm 5 m
15089
Heat Shrink Tubing 2:1 Green / Yellow 2.4 mm 5 m
15090
Heat Shrink Tubing 2:1 Green / Yellow 3.2 mm 5 m
15091
Part Number Table


Similar Part No. - 15047

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
15047-ECG NTE-15047-ECG Datasheet
31Kb / 1P
   Surge Arresters
logo
Adels-Contact
150470 ADELS-150470 Datasheet
119Kb / 1P
   160 ST/10 natural
30/12/2019
150471 ADELS-150471 Datasheet
119Kb / 1P
   160 ST/11 natural
30/12/2019
150472 ADELS-150472 Datasheet
120Kb / 1P
   160 ST/12 natural
30/12/2019
logo
List of Unclassifed Man...
1504721000DB ETC2-1504721000DB Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
More results

Similar Description - 15047

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
logo
Tyco Electronics
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com