Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC624 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC624
Description  Low Cost Single Trip Point Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC624 Datasheet(HTML) 3 Page - Microchip Technology

  TC624 Datasheet HTML 1Page - Microchip Technology TC624 Datasheet HTML 2Page - Microchip Technology TC624 Datasheet HTML 3Page - Microchip Technology TC624 Datasheet HTML 4Page - Microchip Technology TC624 Datasheet HTML 5Page - Microchip Technology TC624 Datasheet HTML 6Page - Microchip Technology TC624 Datasheet HTML 7Page - Microchip Technology TC624 Datasheet HTML 8Page - Microchip Technology TC624 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21440D-page 3
TC622/TC624
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (TC622) ......................................... 20V
(TC624) ........................................ 5.5V
Input Voltage Any Input .. (GND – 0.3V) to (VDD +0.3V)
Operating Temperature ...................... -40°C to +125°C
C Version .............................. 0°C to +70°C
E Version ........................... -40°C to +85°C
V Version ......................... -40°C to +125°C
Storage Temperature ......................... -65°C to +150°C
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation
of the device at these or any other conditions above
those indicated in the operation sections of the specifi-
cations is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect
device reliability.
.
TC622/TC624 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over operating temperature range, unless otherwise specified.
Sym
Parameter
Device
Min
Typ
Max
Unit
Test Conditions
VDD
Supply Voltage
Range
TC622
TC624
4.5
2.7
18
4.5
V
IDD
Supply Current
TC622
TC624
200
170
600
300
A5.0V  V
DD  18V
2.7V
 V
DD  4.5V
VOH Output Voltage
(High)
TC622 0.90 x VDD
0.80 x VDD
V5.0V
 V
DD  18V, -40°C  TA  +125°C,
IOH = 250 A
IOH = 500 A
VOL
Output Voltage
(Low)
TC622
0.15 x VDD
0.30 x VDD
0.35 x VDD
V
-40°C
 T
A  +85°C, IOL = 500 A
IOL = 1 mA
-40°C
 T
A  +125°C, IOL = 1 mA
VOH Output Voltage
(High)
TC624
0.90 x VDD
0.80 x VDD
V
2.7V
 V
DD  4.5V
-40°C
 T
A  +125°C, IOH = 250 A
IOH = 500 A
VOL
Output Voltage
(Low)
TC624
0.1 x VDD
0.2 x VDD
0.25 x VDD
V
-40°C
 T
A  +85°C, IOL = 500 A
IOL = 1 mA
-40°C
 T
A  +125°C, IOL = 1 mA
TSET Absolute Accuracy TC622
TC624
T - 5
T - 5
T ± 1
T ± 1
T + 5
T + 5
°C
TSET = Programmed Temperature
TSET = Programmed Temperature
OUT Trip Point
Hysteresis
TC622
TC624
2
2
°C


Similar Part No. - TC624

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC624 TELCOM-TC624 Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC624 MICROCHIP-TC624 Datasheet
445Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2002
TC624 MICROCHIP-TC624 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC624 MICROCHIP-TC624 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
TelCom Semiconductor, I...
TC624COA TELCOM-TC624COA Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
More results

Similar Description - TC624

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622 MICROCHIP-TC622 Datasheet
445Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2002
logo
ON Semiconductor
NCT22 ONSEMI-NCT22 Datasheet
96Kb / 8P
   Low Cost Single Trip Point Temperature Sensor
June, 2002 ??Rev. 1
logo
Microchip Technology
TC622 MICROCHIP-TC622_06 Datasheet
294Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2006
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com