Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M3770 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170M3770
Description  Square Body US Style ??690V/700V (IEC): 40-2000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M3770 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M3770 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M3770 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
High Speed Fuses
126
Arc Voltage
This curve gives the peak
arc voltage, UL, which
may appear across the
fuse during its operation
as a function of the
applied working voltage,
Eg, (rms) at a power factor
of 15%.
Power Losses
Watts loss at rated current
is given in the electrical
characteristics. The curve
allows the calculation of
the power losses at load
currents lower than the
rated current. The
correction factor, Kp, is
given as a function of the
RMS load current, Ib, in %
of the rated current.
Features and Benefits
• Excellent DC performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
Square Body US Style — 690V/700V (IEC):
40-2000A
690V/700V (IEC) 40-2000A
Specifications
D
De
es
sc
crriip
pttiio
on
n:: Square body US
style high speed fuses.
D
Diim
me
en
ns
siio
on
ns
s:: See dimensions
illustration.
R
Ra
attiin
ng
gs
s::
Volts: — 690Vac (IEC)
— 700Vac (UL)
Amps: — 40-200A
IR: — 200kA RMS Sym.
A
Ag
ge
en
nc
cy
y IIn
nffo
orrm
ma
attiio
on
n:: CE, Designed and tested to IEC
60269: Part 4, UL Recognized. Consult Cooper Bussmann
for UL Recognition/ CSA Component Acceptance status.
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at rated
voltage and at power factor
of 15% are given in the
electrical characteristics. For
other voltages, the clearing
I2t is found by multiplying by
correction factor, K, given as
a function of applied working
voltage, Eg, (rms).
B
C2
D
E
E
6
H
I
C1
A
Dimensions (mm)
Type -FU/-, -FKE/-, FU/115-, -FKE/115
S
Siiz
ze
e
A
A
B
B
B
B****
C
C1
1
C
C1
1****
C
C2
2
C
C2
2**** D
D
E
E
H
H
II
1*
50
110
148
85
123
72
110
59
45
20
10
1
50
136
157
104
126
78
100
69
53
25
14
2
50
135
159
105
125
78
99
77
61
25
14
3
51
135
155
106
125
77
97
92
76
36
16
**Valid for fuses type -FU/115 & -FKE/115.
1mm = 0.0394” / 1” = 25.4mm
K
1.5
1.0
0.5
0.4
0.3
0.2
1)
2)
100 200 300 400 500 600 690
U
L
1.4
1.2
103
6
8
7
9
5
4
3
E
g
200
300
400
500
600 690
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
1) Rated voltage 600V.
2) Rated voltage 550V
For Other Voltage Ratings in This Body Style
• See pages 150 (1000V) and 164 (1250V/1300V)


Similar Part No. - 170M3770

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
170M3009 COOPER-170M3009 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3009 COOPER-170M3009 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
More results

Similar Description - 170M3770

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M3258 COOPER-170M3258 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M6814D COOPER-170M6814D Datasheet
268Kb / 3P
   Square Body DIN 43 620 ??690V/700V (IEC/UL): 40-1000A
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com