Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD818AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD818AR
Description  Low Cost, Low Power Video Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818AR Datasheet(HTML) 3 Page - Analog Devices

  AD818AR Datasheet HTML 1Page - Analog Devices AD818AR Datasheet HTML 2Page - Analog Devices AD818AR Datasheet HTML 3Page - Analog Devices AD818AR Datasheet HTML 4Page - Analog Devices AD818AR Datasheet HTML 5Page - Analog Devices AD818AR Datasheet HTML 6Page - Analog Devices AD818AR Datasheet HTML 7Page - Analog Devices AD818AR Datasheet HTML 8Page - Analog Devices AD818AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REV.
AD818
–3–
AD818A
Parameter
Conditions
VS
Min
Typ
Max
Unit
POWER SUPPLY REJECTION
VS = ± 5 V to ± 15 V
80
90
dB
TMIN to TMAX
80
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±5 V, ±15 V
10
nV/
÷Hz
INPUT CURRENT NOISE
f = 10 kHz
±5 V, ±15 V
1.5
pA/
÷Hz
INPUT COMMON-MODE
VOLTAGE RANGE
±5 V
+3.8
+4.3
V
–2.7
–3.4
V
±15 V
+13
+14.3
V
–12
–13.4
V
0 V, +5 V
+3.8
+4.3
V
+1.2
+0.9
V
OUTPUT VOLTAGE SWING
RLOAD = 500
W±5 V
3.3
3.8
±V
RLOAD = 150 W± 5 V
3.2
3.6
±V
RLOAD = 1 kW± 15 V
13.3
13.7
±V
RLOAD = 500
W±15 V
12.8
13.4
±V
RLOAD = 500 W
0 V, +5 V
1.5, 3.5
V
Output Current
±15 V
50
mA
±5 V
50
mA
0 V, +5 V
30
mA
Short-Circuit Current
±15 V
90
mA
INPUT RESISTANCE
300
k
W
INPUT CAPACITANCE
1.5
pF
OUTPUT RESISTANCE
Open Loop
8
W
POWER SUPPLY
Operating Range
Dual Supply
±2.5
±18
V
Single Supply
+5
+36
V
Quiescent Current
±5 V
7.0
7.5
mA
TMIN to TMAX
±5 V
7.5
mA
±15 V
7.5
mA
TMIN to TMAX
±15 V
7.0
7.5
mA
*Full power bandwidth = slew rate/(2
p V
PEAK).
Specifications subject to change without notice.
D


Similar Part No. - AD818AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818AR AD-AD818AR Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818AR AD-AD818AR Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
AD818AR-REEL AD-AD818AR-REEL Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818AR-REEL AD-AD818AR-REEL Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
AD818AR-REEL7 AD-AD818AR-REEL7 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
More results

Similar Description - AD818AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
   Low Cost, Gain of 2, Video Op Amp
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
   Low Cost, Low Power Precision Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com