Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13-56 Datasheet(PDF) 3 Page - 3M Electronics

Part # 13-56
Description  Specialty Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

13-56 Datasheet(HTML) 3 Page - 3M Electronics

  13-56 Datasheet HTML 1Page - 3M Electronics 13-56 Datasheet HTML 2Page - 3M Electronics 13-56 Datasheet HTML 3Page - 3M Electronics 13-56 Datasheet HTML 4Page - 3M Electronics 13-56 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Engineering Specification
Crimp-type terminals shall, electrically and
mechnically, connect to a pre-stripped end of a
stranded copper wire and have a flat tongue portion
with a central opening for mounting around a screw or
stud.
The terminal line shall offer tongue variations in hole
(stud) size (6, 8 10, etc.) and configuration (ring, fork,
block fork, flanged block fork, locking fork, etc.): and
barrel variations in wire (AWG) size (22-18, 16-14,
12-10, etc.) and construction (non-insulated brazed
seam, vinyl insulated butted seam, nylon insulated
with insulation grip, etc.). The terminal line shall have
regulatory agency coverage (UL Listing, CSA
Certification). The terminal tongue shall be marked
with the wire range and manufacturer’s symbol ( ).
The non-insulated, butted seam ring tongue terminal
shall be tin-plated, annealed copper, with the tongue
having a specified stud hole (size 2 thru 1/2 in.) and a
butted seam barrel with a beveled I.D. for ease of
stranded wire entry, sized for a specified (AWG) wire
range (22-18, 16-14, 12-10).
Non-insulated terminals shall be UL Listed and CSA
Certified.
Installation Information
UL Listed and CSA Certified for use on stranded copper
(AWG) wire only.
Strip away the end 3/8 inch of wire insulation.
Make the crimp in the proper station of a recommended
3M crimp tool: TH-440, TH-450 (scissor style), or
TR-490 (ratchet style) hand tools.
Barrel Crimp (Electrical)
WARNING
Turn power off before installing or removing terminal. All electrical
work should be done according to appropriate electrical codes.


Similar Part No. - 13-56

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-000011 CONEC-13-000011 Datasheet
266Kb / 2P
   MicroTCA Dual Port 90° 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket, snap, hex bolt
11.06.07
13-000021 CONEC-13-000021 Datasheet
185Kb / 2P
   MicroTCA 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket and snap
03.07.07
13-000031 CONEC-13-000031 Datasheet
272Kb / 2P
   SMD CONNECTOR 90° Male with threaded insert, metal bracket, fixing plate, snap and hex bolt
11.06.07
13-000041 CONEC-13-000041 Datasheet
184Kb / 2P
   SMD CONNECTOR 90° Male with threaded insert, metal bracket, fixing plate and snap
03.07.07
13-000051 CONEC-13-000051 Datasheet
228Kb / 2P
   MicroTCA Single Port 90° 48V / 60V Power Module Input Connector Male with threaded insert, metal bracket, snap, hex bolt
12.06.07
More results

Similar Description - 13-56

ManufacturerPart #DatasheetDescription
logo
3M Electronics
94774 3M-94774 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
94741 3M-94741 Datasheet
328Kb / 8P
   Specialty Bagged Terminals
AUG.19.2004
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Molex Electronics Ltd.
987650-8052 MOLEX-987650-8052 Datasheet
350Kb / 8P
   SPECIALTY LIGHTING
logo
Cooper Bussmann, Inc.
GMQ-1-1-4 COOPER-GMQ-1-1-4 Datasheet
59Kb / 2P
   Specialty Fuse
HWA-AF COOPER-HWA-AF Datasheet
29Kb / 1P
   Specialty Fuses
GMW-1-10 COOPER-GMW-1-10 Datasheet
29Kb / 1P
   Specialty Fuses
logo
Extech Instruments Corp...
MO290-EP EXTECH-MO290-EP Datasheet
138Kb / 1P
   Specialty Moisture Probes
MO290-EXT EXTECH-MO290-EXT Datasheet
138Kb / 1P
   Specialty Moisture Probes
logo
Luminus, Inc
SST-20-W LUMINUS-SST-20-W Datasheet
2Mb / 19P
   Specialty White LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com