Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5301BRT-500RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5301BRT-500RL7
Description  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301BRT-500RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5301BRT-500RL7 Datasheet HTML 1Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 2Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 3Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 4Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 5Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 6Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 7Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 8Page - Analog Devices AD5301BRT-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 4 of 24
B Version1
Parameter2
Min
Typ
Max
Unit
Conditions/Comments
LOGIC OUTPUT (SDA)5
Output Low Voltage, VOL
0.4
V
ISINK = 3 mA.
0.6
V
ISINK = 6 mA.
Three-State Leakage
Current
±1
μA
Three-State Output
Capacitance
6
pF
POWER REQUIREMENTS
VDD
2.5
5.5
V
IDD specification is valid for all DAC codes.
IDD (Normal Mode)
DAC active and excluding load current.
VDD = 4.5 V to 5.5 V
150
250
μA
VIH = VDD and VIL = GND.
VDD = 2.5 V to 3.6 V
120
220
μA
VIH = VDD and VIL = GND.
IDD (Power-Down Mode)
VDD = 4.5 V to 5.5 V
0.2
1
μA
VIH = VDD and VIL = GND.
VDD = 2.5 V to 3.6 V
0.05
1
μA
VIH = VDD and VIL = GND.
1 Temperature range is as follows: B Version: −40°C to +105°C.
2 See the Terminology section.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5301 (Code 7 to 250); AD5311 (Code 28 to 1000); and AD5321 (Code 112 to 4000).
5 Guaranteed by design and characterization, not production tested.
6 Input filtering on both the SCL and SDA inputs suppress noise spikes that are less than 50 ns.


Similar Part No. - AD5301BRT-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5301BRT AD-AD5301BRT Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5301BRTZ-500RL7 AD-AD5301BRTZ-500RL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
AD5301BRTZ-REEL7 AD-AD5301BRTZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Similar Description - AD5301BRT-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com